Electronic Components Datasheet Search
  English  ▼

X  

S124 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 75Page - Renesas Technology Corp S124 Datasheet HTML 76Page - Renesas Technology Corp S124 Datasheet HTML 77Page - Renesas Technology Corp S124 Datasheet HTML 78Page - Renesas Technology Corp S124 Datasheet HTML 79Page - Renesas Technology Corp S124 Datasheet HTML 80Page - Renesas Technology Corp S124 Datasheet HTML 81Page - Renesas Technology Corp S124 Datasheet HTML 82Page - Renesas Technology Corp S124 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 79 of 95
Feb 23, 2016
S124
2. Electrical Characteristics
Offset error
Offset error is the difference between the highest actual output voltage that falls below the lower output limit and the
ideal output voltage based on the input code.
Full-scale error
Full-scale error is the difference between the lowest actual output voltage that exceeds the upper output limit and the
ideal output voltage based on the input code.
2.7
TSN Characteristics
2.8
OSC Stop Detect Characteristics
Figure 2.57
Oscillation stop detection timing
Table 2.50
TSN characteristics
Conditions: VCC = AVCC0 = 2.0 to 5.5 V
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Relative accuracy
-
-
±1.5
-
°C
2.4 V or above
-
±2.0
-
°C
Below 2.4 V
Temperature slope
--
–3.65
-
mV/°C
-
Output voltage (at 25°C)
--
1.05
-
V
VCC = 3.3 V
Temperature sensor start time
tSTART
--
5
μs-
Sampling time
-
5
-
-
μs
Table 2.51
Oscillation stop detection circuit characteristics
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Detection time
tdr
--1
ms
Figure 2.57
tdr
Main clock
OSTDSR.OSTDF
MOCO clock
ICLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com