Electronic Components Datasheet Search
  English  ▼

X  

S124 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 21Page - Renesas Technology Corp S124 Datasheet HTML 22Page - Renesas Technology Corp S124 Datasheet HTML 23Page - Renesas Technology Corp S124 Datasheet HTML 24Page - Renesas Technology Corp S124 Datasheet HTML 25Page - Renesas Technology Corp S124 Datasheet HTML 26Page - Renesas Technology Corp S124 Datasheet HTML 27Page - Renesas Technology Corp S124 Datasheet HTML 28Page - Renesas Technology Corp S124 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 25 of 95
Feb 23, 2016
S124
2. Electrical Characteristics
2.2.4
I/O VOH, VOL, and Other Characteristics
Note 1. SCL0_A, SDA0_A, SCL0_B, SDA0_B, SCL1_A, SDA1_A, SCL1_B, SDA1_B (total 8 pins).
Note 2. This is the value when middle driving ability is selected with the port drive capability bit in the PmnPFS register.
Note 3. Based on characterization data, not tested in production.
Note 4. Except for Ports P200, P214, P215, which are input ports.
Note 1. SCL0_A, SDA0_A, SCL0_B, SDA0_B, SCL1_A, SDA1_A, SCL1_B, SDA1_B (total 8 pins).
Note 2. This is the value when middle driving ability is selected with the port drive capability bit in the PmnPFS register.
Note 3. Based on characterization data, not tested in production.
Note 4. Except for Ports P200, P214, P215, which are input ports.
Table 2.7
I/O VOH, VOL (1)
Conditions: VCC = AVCC0 = 4.0 to 5.5 V
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Output voltage
IIC*1, *2
VOL
--
0.4
V
IOL = 3.0 mA
VOL
--
0.6
IOL = 6.0 mA
Ports P408, P409*2, *3
VOH
VCC – 1.0
-
-
IOH = –20 mA
VOL
--
1.0
IOL = 20 mA
Ports P000 to P004
P010 to P015
Low drive
VOH
AVCC0 –
0.8
-IOH = –2.0 mA
VOL
--
0.8
IOL = 2.0 mA
Middle drive
VOH
AVCC0 –
0.8
-IOH = –4.0 mA
VOL
--
0.8
IOL = 4.0 mA
Other output pins*4
Low drive
VOH
VCC – 0.8
-
-
IOH = –2.0 mA
VOL
--
0.8
IOL = 2.0 mA
Middle drive
VOH
VCC – 0.8
-
-
IOH = –4.0 mA
VOL
--
0.8
IOL = 4.0 mA
Table 2.8
I/O VOH, VOL (2)
Conditions: VCC = AVCC0 = 2.7 to 4.0 V
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Output voltage
IIC*1, *2
VOL
--
0.4
V
IOL = 3.0 mA
VOL
--
0.6
IOL = 6.0 mA
Ports P408, P409*2, *3
VOH
VCC – 1.0
-
-
IOH = –20 mA
VCC = 3.3 V
VOL
--
1.0
IOL = 20 mA
VCC = 3.3 V
Ports P000 to P004
P010 to P015
Low drive
VOH
AVCC0 –
0.5
--
IOH = –1.0 mA
VOL
--
0.5
IOL = 1.0 mA
Middle drive
VOH
AVCC0 –
0.5
--
IOH = –2.0 mA
VOL
--
0.5
IOL = 2.0 mA
Other output pins*4
Low drive
VOH
VCC – 0.5
-
-
IOH = –1.0 mA
VOL
--
0.5
IOL = 1.0 mA
Middle drive
VOH
VCC – 0.5
-
-
IOH = –2.0 mA
VOL
--
0.5
IOL = 2.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com