Electronic Components Datasheet Search
  English  ▼

X  

S124 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 65Page - Renesas Technology Corp S124 Datasheet HTML 66Page - Renesas Technology Corp S124 Datasheet HTML 67Page - Renesas Technology Corp S124 Datasheet HTML 68Page - Renesas Technology Corp S124 Datasheet HTML 69Page - Renesas Technology Corp S124 Datasheet HTML 70Page - Renesas Technology Corp S124 Datasheet HTML 71Page - Renesas Technology Corp S124 Datasheet HTML 72Page - Renesas Technology Corp S124 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 69 of 95
Feb 23, 2016
S124
2. Electrical Characteristics
2.5
ADC14 Characteristics
Figure 2.54
AVCC0 to VREFH0 voltage range
Table 2.40
A/D conversion characteristics (1) in high-speed mode (1/2)
Conditions: VCC = AVCC0 = 4.5 to 5.5 V, VREFH0 = 4.5 to 5.5 V, VSS = AVSS0 = VREFL0 = 0V
Reference voltage range applied to the VREFH0 and VREFL0.
Item
Min
Typ
Max
Unit
Test Conditions
Frequency
1
-
64
MHz
-
Analog input capacitance
Cs
-
-
15
pF
High-precision channel
-
-
30
pF
Normal-precision channel
Analog input resistance
Rs
-
-
2.5
kΩ
-
Analog input voltage range
Ain
0
-
VREFH0
V
-
12-bit mode
Resolution
-
-
12
Bit
-
Conversion time*1
(Operation at
PCLKD = 64 MHz)
Permissible signal
source impedance
Max. = 0.3 kΩ
0.70
-
-
μs
High-precision channel
ADCSR.ADHSC = 0
ADSSTRn.SST[7:0] = 0Dh
1.13
-
-
μs
Normal-precision channel
ADCSR.ADHSC = 0
ADSSTRn.SST[7:0] = 28h
Offset error
-
±0.5
±4.5
LSB
High-precision channel
±6.0
LSB
Other than above
Full-scale error
-
±0.75
±4.5
LSB
High-precision channel
±6.0
LSB
Other than above
Quantization error
-
±0.5
-
LSB
-
Absolute accuracy
-
±1.25
±5.0
LSB
High-precision channel
±8.0
LSB
Other than above
DNL differential nonlinearity error
-
±1.0
-
LSB
-
INL integral nonlinearity error
-
±1.0
±3.0
LSB
-
14-bit mode
Resolution
-
-
14
Bit
-
Conversion time*1
(Operation at
PCLKD = 64 MHz)
Permissible signal
source impedance
Max. = 0.3 kΩ
0.80
-
-
μs
High-precision channel
ADCSR.ADHSC = 0
ADSSTRn.SST[7:0] = 0Dh
1.22
-
-
μs
Normal-precision channel
ADCSR.ADHSC = 0
ADSSTRn.SST[7:0] = 28h
VREFH0
5.0
4.0
3.0
2.0
1.0
1.0
2.0
3.0
4.0
5.0
A/D Conversion
Characteristics (2)
ADCSR.ADHSC = 0
5.5
2.7
2.4
2.4 2.7
5.5
AVCC0
VREFH0
5.0
4.0
3.0
2.0
1.0
1.0
2.0
3.0
4.0
5.0
ADCSR.ADHSC = 1
5.5
2.7
2.4
2.4 2.7
5.5
AVCC0
1.8
1.8
A/D Conversion
Characteristics (1)
A/D Conversion
Characteristics (3)
A/D Conversion
Characteristics (4)
A/D Conversion
Characteristics (5)
A/D Conversion
Characteristics (6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com