Electronic Components Datasheet Search
  English  ▼

X  

S124 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 41Page - Renesas Technology Corp S124 Datasheet HTML 42Page - Renesas Technology Corp S124 Datasheet HTML 43Page - Renesas Technology Corp S124 Datasheet HTML 44Page - Renesas Technology Corp S124 Datasheet HTML 45Page - Renesas Technology Corp S124 Datasheet HTML 46Page - Renesas Technology Corp S124 Datasheet HTML 47Page - Renesas Technology Corp S124 Datasheet HTML 48Page - Renesas Technology Corp S124 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 45 of 95
Feb 23, 2016
S124
2. Electrical Characteristics
2.3.4
Wakeup Time
Note 1. The division ratio of ICLK and PCLKx is 1. The recovery time is determined by the system clock source.
Note 2. The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 05h.
Note 3. The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 00h.
Note 4. The HOCO clock wait control register (HOCOWTCR) is set to 05h.
Note 5. The HOCO clock wait control register (HOCOWTCR) is set to 06h.
Note 1. The division ratio of ICLK and PCLKx is 1. The recovery time is determined by the system clock source.
Note 2. The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 05h.
Note 3. The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 00h.
Note 4. The system clock is 12 MHz.
Table 2.23
Timing of recovery from low power modes (1)
Item
Symbol Min
Typ
Max
Unit
Test
conditions
Recovery time
from Software
Standby mode*1
High-speed
mode
Crystal
resonator
connected to
main clock
oscillator
System clock source is
main clock oscillator
(20 MHz)*2
tSBYMC
-2
3ms
Figure 2.25
External clock
input to main
clock oscillator
System clock source is
main clock oscillator
(20 MHz)*3
tSBYEX
-14
25
μs
System clock source is HOCO*4
(HOCO clock is 32 MHz)
tSBYHO
-
43
52
μs
System clock source is HOCO*4
(HOCO clock is 48 MHz)
tSBYHO
-
44
52
μs
System clock source is HOCO*5
(HOCO clock is 64 MHz)
tSBYHO
-
82
110
μs
System clock source is MOCO
tSBYMO
-
16
25
μs
Table 2.24
Timing of recovery from low power modes (2)
Item
Symbol Min
Typ
Max
Unit
Test
conditions
Recovery time
from Software
Standby mode*1
Middle-speed
mode
Crystal
resonator
connected to
main clock
oscillator
System clock source is
main clock oscillator
(12 MHz)*2
tSBYMC
-
23
ms
Figure 2.25
External clock
input to main
clock oscillator
System clock source is
main clock oscillator
(12 MHz)*3
tSBYEX
-
2.9
10
μs
System clock source is HOCO*4
tSBYHO
-
38
50
μs
System clock source is MOCO (8 MHz)
tSBYMO
-
3.5
5.5
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com