Electronic Components Datasheet Search
  English  ▼

X  

S124 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 4 Page - Renesas Technology Corp

  S124 Datasheet HTML 1Page - Renesas Technology Corp S124 Datasheet HTML 2Page - Renesas Technology Corp S124 Datasheet HTML 3Page - Renesas Technology Corp S124 Datasheet HTML 4Page - Renesas Technology Corp S124 Datasheet HTML 5Page - Renesas Technology Corp S124 Datasheet HTML 6Page - Renesas Technology Corp S124 Datasheet HTML 7Page - Renesas Technology Corp S124 Datasheet HTML 8Page - Renesas Technology Corp S124 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 4 of 95
Feb 23, 2016
S124
1. Overview
Table 1.7
Timers
Feature
Functional description
General PWM Timer (GPT)
The General PWM Timer (GPT) is a 32-bit timer with 1 channel and a 16-bit timer with 6
channels. PWM waveforms can be generated by controlling the up-counter, down-counter, or
the up- and down-counter. In addition, PWM waveforms for controlling brushless DC motors
can be generated. The GPT can also be used as a general-purpose timer. See section 19,
General PWM Timer (GPT) in User's Manual.
Port Output Enable for GPT (POEG)
Use the Port Output Enable for GPT (POEG) function to place the General PWM Timer (GPT)
output pins in the output disable state. See section 18, Port Output Enable for GPT (POEG) in
User’s Manual.
Asynchronous General Purpose
Timer (AGT)
The Asynchronous General Purpose Timer (AGT) is a 16-bit timer that can be used for pulse
output, external pulse width or period measurement, and counting external events.
This 16-bit timer consists of a reload register and a down-counter. The reload register and the
down-counter are allocated to the same address, and they can be accessed with the AGT
register. See section 20, Asynchronous General Purpose Timer (AGT) in User's Manual.
Realtime Clock (RTC)
The Realtime Clock (RTC) has two counting modes, calendar count mode and binary count
mode, that are used by switching register settings.
For calendar count mode, the RTC has a 100-year calendar from 2000 to 2099 and
automatically adjusts dates for leap years.
For binary count mode, the RTC counts seconds and retains the information as a serial value.
Binary count mode can be used for calendars other than the Gregorian (Western) calendar.
See section 21, Realtime Clock (RTC) in User's Manual.
Table 1.8
Communication interfaces (1/2)
Feature
Functional description
Serial Communications Interface
(SCI)
The Serial Communication Interface (SCI) is configurable to five asynchronous and
synchronous serial interfaces:
 Asynchronous interfaces (UART and asynchronous communications interface adapter
(ACIA))
 8-bit clock synchronous interface
 Simple IIC (master-only)
 Simple SPI
 Smart card interface
The smart card interface complies with the ISO/IEC 7816-3 standard for electronic signals and
transmission protocol.
SCI0 has FIFO buffers to enable continuous and full-duplex communication, and the data
transfer speed can be configured independently using an on-chip baud rate generator. See
section 25, Serial Communications Interface (SCI) in User's Manual.
I2C Bus interface (IIC)
The MCU has a two-channel I2C bus interface (IIC).
The IIC module conforms with and provides a subset of the NXP I2C bus (Inter-Integrated
Circuit bus) interface functions. See section 26, I2C Bus Interface (IIC) in User's Manual.
Serial Peripheral Interface (SPI)
The MCU includes two independent channels of the Serial Peripheral Interface (SPI). The SPI
channels are capable of high-speed, full-duplex synchronous serial communications with
multiple processors and peripheral devices. See section 28, Serial Peripheral Interface (SPI) in
User's Manual.
Controller Area Network (CAN)
Module
The Controller Area Network (CAN) module provides functionality to receive and transmit data
using a message-based protocol between multiple slaves and masters in electromagnetically
noisy applications.
The CAN module complies with the ISO 11898-1 (CAN 2.0A/CAN 2.0B) standard and supports
up to 32 mailboxes, which can be configured for transmission or reception in normal mailbox
and FIFO modes. Both standard (11-bit) and extended (29-bit) messaging formats are
supported. See section 27, Controller Area Network (CAN) Module in User's Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com