Electronic Components Datasheet Search
  English  ▼

X  

S124 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 43Page - Renesas Technology Corp S124 Datasheet HTML 44Page - Renesas Technology Corp S124 Datasheet HTML 45Page - Renesas Technology Corp S124 Datasheet HTML 46Page - Renesas Technology Corp S124 Datasheet HTML 47Page - Renesas Technology Corp S124 Datasheet HTML 48Page - Renesas Technology Corp S124 Datasheet HTML 49Page - Renesas Technology Corp S124 Datasheet HTML 50Page - Renesas Technology Corp S124 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 47 of 95
Feb 23, 2016
S124
2. Electrical Characteristics
Figure 2.25
Software Standby mode cancellation timing
Table 2.28
Timing of recovery from low power modes (6)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Recovery time from
Software Standby
mode to Snooze
High-speed mode
System clock source is HOCO
tSNZ
-36
45
μs-
Middle-speed mode
System clock source is MOCO
(8 MHz)
tSNZ
-1.3
3.6
μs
Low-speed mode
System clock source is MOCO
(1 MHz)
tSNZ
-10
13
μs
Low-voltage mode
System clock source is HOCO
(4 MHz)
tSNZ
-87
110
μs
Oscillator
ICLK
IRQ
Software Standby mode
tSBYSC, tSBYLO
Oscillator
ICLK
IRQ
Software Standby mode
tSBYMC, tSBYEX,
tSBYMO, tSBYHO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com