Electronic Components Datasheet Search
  English  ▼

X  

S124 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 83Page - Renesas Technology Corp S124 Datasheet HTML 84Page - Renesas Technology Corp S124 Datasheet HTML 85Page - Renesas Technology Corp S124 Datasheet HTML 86Page - Renesas Technology Corp S124 Datasheet HTML 87Page - Renesas Technology Corp S124 Datasheet HTML 88Page - Renesas Technology Corp S124 Datasheet HTML 89Page - Renesas Technology Corp S124 Datasheet HTML 90Page - Renesas Technology Corp S124 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 87 of 95
Feb 23, 2016
S124
2. Electrical Characteristics
Note 1. Does not include the time until each operation of the flash memory is started after instructions are executed by
the software.
Note 2. The lower-limit frequency of ICLK is 1 MHz during programming or erasing the flash memory. When using ICLK
at below 4 MHz, the frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer frequency such as 1.5 MHz
cannot be set.
Note 3. The frequency accuracy of ICLK must be ±3.5% while programming or erasing the flash memory. Confirm the
frequency accuracy of the clock source.
Note 1. Does not include the time until each operation of the flash memory is started after instructions are executed by
the software.
Note 2. The lower-limit frequency of ICLK is 1 MHz during programming or erasing the flash memory. When using ICLK
at below 4 MHz, the frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer frequency such as 1.5 MHz
cannot be set.
Note 3. The frequency accuracy of ICLK must be ±3.5% while programming or erasing the flash memory. Confirm the
frequency accuracy of the clock source.
Table 2.60
Data flash characteristics (2)
High-speed operating mode
Conditions: VCC = AVCC0 = 2.7 to 5.5 V
Item
Symbol
ICLK = 4 MHz
ICLK = 32 MHz
Unit
Min
Typ
Max
Min
Typ
Max
Programming time
1-byte
tDP1
-
52.4
463
-
42.1
387
μs
Erasure time
1-KB
tDE1K
-
8.98
286
-
6.42
237
ms
Blank check time
1-byte
tDBC1
--
24.3
--
16.6
μs
1-KB
tDBC1K
--
1872
--
512
μs
Suspended time during erasing
tDSED
--
13.0
--
10.7
μs
Data flash STOP recovery time
tDSTOP
5
-
-5
-
-
μs
Table 2.61
Data flash characteristics (3)
Middle-speed operating mode
Conditions: VCC = AVCC0 = 1.8 to 5.5 V, Ta = -40 to +85°C
Item
Symbol
ICLK = 4 MHz
ICLK = 32 MHz
Unit
Min
Typ
Max
Min
Typ
Max
Programming time
1-byte
tDP1
-
94.7
886
-
87.0
837
μs
Erasure time
1-KB
tDE1K
-
9.59
299
-
7.82
266
ms
Blank check time
1-byte
tDBC1
--
56.2
--
50.9
μs
1-KB
tDBC1K
--
2.17
--
1.21
ms
Suspended time during erasing
tDSED
--
23.0
--
21.0
μs
Data flash STOP recovery time
tDSTOP
720
-
-720
-
-ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com