Electronic Components Datasheet Search
  English  ▼

X  

S124 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 1 Page - Renesas Technology Corp

  S124 Datasheet HTML 1Page - Renesas Technology Corp S124 Datasheet HTML 2Page - Renesas Technology Corp S124 Datasheet HTML 3Page - Renesas Technology Corp S124 Datasheet HTML 4Page - Renesas Technology Corp S124 Datasheet HTML 5Page - Renesas Technology Corp S124 Datasheet HTML 6Page - Renesas Technology Corp S124 Datasheet HTML 7Page - Renesas Technology Corp S124 Datasheet HTML 8Page - Renesas Technology Corp S124 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 1 of 95
Feb 23, 2016
Features
■ ARM Cortex-M0+ Core
 ARMv6-M architecture
 Maximum operating frequency: 32 MHz
 Debug and Trace: DWT, BPU, CoreSight™ MTB-M0+
 CoreSight Debug Port: SW-DP
■ Memory
 Up to 128-KB code flash memory
 4-KB data flash memory (up to 100,000 erase/write cycles)
 Up to 16-KB SRAM
 128-bit unique ID
■ Connectivity
 USB 2.0 Full-Speed Module (USBFS)
- On-chip transceiver with voltage regulator
- Compliant with USB Battery Charging Specification 1.2
 Serial Communications Interface (SCI) × 3
- UART
- Simple IIC
- Simple SPI
 Serial Peripheral Interface (SPI) × 2
 I2C bus interface (IIC) × 2
 CAN module (CAN)
■ Analog
 14-Bit A/D Converter (ADC14)
 12-Bit D/A Converter (DAC12)
 Low-Power Analog Comparator (ACMPLP) × 2
 Temperature Sensor (TSN)
■ Timers
 General PWM Timer 32-Bit (GPT32)
 General PWM Timer 16-Bit (GPT16) × 6
 Asynchronous General-Purpose Timer (AGT) × 2
 Watchdog Timer (WDT)
■ Safety
 SRAM Parity Error Check
 Flash Area Protection
 ADC self-diagnosis function
 Clock Frequency Accuracy Measurement Circuit (CAC)
 Cyclic Redundancy Check (CRC) Calculator
 Data Operation Circuit (DOC)
 Port Output Enable for GPT (POEG)
 Independent Watchdog Timer (IWDT)
 GPIO Readback Level Detection
 Register Write Protection
 Main Oscillator Stop Detection
■ System and Power Management
 Low-power modes
 RealTime Clock (RTC)
 Event Link Controller (ELC)
 Data Transfer Controller (DTC)
 Key Interrupt Function (KINT)
 Power-on reset
 Low Voltage Detection with voltage settings
■ Security and Encryption
 AES128/256
 True Random Number Generator (TRNG)
■ Human Machine Interface (HMI)
 Capacitive Touch Sensing Unit (CTSU)
■ Multiple Clock Sources
 Main clock oscillator (MOSC)
(1 to 20 MHz when VCC = 2.4 to 5.5 V)
(1 to 8 MHz when VCC = 1.8 to 5.5 V)
(1 to 4 MHz when VCC = 1.6 to 5.5 V)
 Sub-clock oscillator (SOSC) (32.768 kHz)
 High-speed on-chip oscillator (HOCO)
(24, 32, 48, 64 MHz when VCC = 2.4 to 5.5 V)
(24, 32, 48 MHz when VCC = 1.8 to 5.5 V)
(24, 32 MHz when VCC = 1.6 to 5.5 V)
 Middle-speed on-chip oscillator (MOCO) (8 MHz)
 Low-speed on-chip oscillator (LOCO) (32.768 kHz)
 Independent watchdog timer OCO (15 kHz)
 Clock trim function for HOCO/MOCO/LOCO
 Clock out support
■ General Purpose I/O Ports
 Up to 51 input/output pins
- Up to 3 CMOS input
- Up to 48 CMOS input/output
- Up to 6 5-V tolerant input/output (when VCC = 3.6 V)
- Up to 16 pins high current (20 mA)
■ Operating Voltage
 VCC: 1.6 to 5.5 V
■ Operating Temperature and Packages
 Ta = –40°C to +85°C
- 36-pin LGA (4 mm × 4 mm, 0.5 mm pitch)
 Ta = –40°C to +105°C
- 64-pin LQFP (10 mm × 10 mm, 0.5 mm pitch)
- 48-pin LQFP (7 mm × 7 mm, 0.5 mm pitch)
- 64-pin QFN (8 mm × 8 mm, 0.4 mm pitch)
- 48-pin QFN (7 mm × 7 mm, 0.5 mm pitch)
- 40-pin QFN (6 mm × 6 mm, 0.5 mm pitch)
Ultra-low power 32-MHz ARM® Cortex®-M0+ microcontroller, up to 128-KB code flash memory, 16-KB SRAM,
Capacitive Touch Sensing Unit, 14-bit A/D Converter, 12-bit D/A Converter, security and safety features.
Features
S124 MCU (Ultra-Low-Power MCU)
32-bit ARM® Cortex®-M0+ microcontroller
Features


Similar Part No. - S124

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 107P
S124 Microcontroller Group
Rev.1.40 Sep 3, 2024
logo
New Jersey Semi-Conduct...
S12400H NJSEMI-S12400H Datasheet
93Kb / 2P
RMS on -state current
logo
Springmasters Ltd
S124204 SPRINGMASTERS-S124204 Datasheet
57Kb / 3P
Stainless Disc Springs
S124205 SPRINGMASTERS-S124205 Datasheet
57Kb / 3P
Stainless Disc Springs
logo
Hamamatsu Corporation
S12426 HAMAMATSU-S12426 Datasheet
611Kb / 5P
Low bias operation, high-speed Si APD for 900 nm
More results

Similar Description - S124

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
ARM Cortex??M0 32-BIT MICROCONTROLLER
MINI51 NUVOTON-MINI51 Datasheet
1Mb / 70P
ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com