Electronic Components Datasheet Search
  English  ▼

X  

S124 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 76Page - Renesas Technology Corp S124 Datasheet HTML 77Page - Renesas Technology Corp S124 Datasheet HTML 78Page - Renesas Technology Corp S124 Datasheet HTML 79Page - Renesas Technology Corp S124 Datasheet HTML 80Page - Renesas Technology Corp S124 Datasheet HTML 81Page - Renesas Technology Corp S124 Datasheet HTML 82Page - Renesas Technology Corp S124 Datasheet HTML 83Page - Renesas Technology Corp S124 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 80 of 95
Feb 23, 2016
S124
2. Electrical Characteristics
2.9
POR and LVD Characteristics
Note 1. These characteristics apply when noise is not superimposed on the power supply. When a setting causes this
voltage detection level to overlap with that of the voltage detection circuit (LVD2), it cannot be specified whether
LVD1 or LVD2 is used for voltage detection.
Note 2. # in the symbol Vdet0_# denotes the value of the OFS1.VDSEL1[2:0] bits.
Note 3. # in the symbol Vdet1_# denotes the value of the LVDLVLR.LVD1LVL[4:0] bits.
Note 4. # in the symbol Vdet2_# denotes the value of the LVDLVLR.LVD2LVL[2:0] bits.
Table 2.52
Power-on reset circuit and voltage detection circuit characteristics (1)
Conditions: VCC = AVCC0
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Voltage detection
level*1
Power-on reset (POR)
VPOR
1.27
1.42
1.57
V
Figure 2.58,
Figure 2.59
Voltage detection circuit (LVD0)*2
Vdet0_0
3.68
3.85
4.00
V
Figure 2.60
At falling edge
VCC
Vdet0_1
2.68
2.85
2.96
Vdet0_2
2.38
2.53
2.64
Vdet0_3
1.78
1.90
2.02
Vdet0_4
1.60
1.69
1.82
Voltage detection circuit (LVD1)*3
Vdet1_0
4.13
4.29
4.45
V
Figure 2.61
At falling edge
VCC
Vdet1_1
3.98
4.16
4.30
Vdet1_2
3.86
4.03
4.18
Vdet1_3
3.68
3.86
4.00
Vdet1_4
2.98
3.10
3.22
Vdet1_5
2.89
3.00
3.11
Vdet1_6
2.79
2.90
3.01
Vdet1_7
2.68
2.79
2.90
Vdet1_8
2.58
2.68
2.78
Vdet1_9
2.48
2.58
2.68
Vdet1_A
2.38
2.48
2.58
Vdet1_B
2.10
2.20
2.30
Vdet1_C
1.84
1.96
2.05
Vdet1_D
1.74
1.86
1.95
Vdet1_E
1.63
1.75
1.84
Vdet1_F
1.60
1.65
1.73
Voltage detection circuit (LVD2)*4
Vdet2_0
4.11
4.31
4.48
V
Figure 2.62
At falling edge
VCC
Vdet2_1
3.97
4.17
4.34
Vdet2_2
3.83
4.03
4.20
Vdet2_3
3.64
3.84
4.01
Table 2.53
Power-on reset circuit and voltage detection circuit characteristics (2) (1/2)
Conditions: VCC = AVCC0
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Wait time after voltage
monitoring 0,1,2 reset
cancellation
LVD0:enable*1
tLVD0,1,2
-0.6
-
μs-
LVD0:disable*2
tLVD1,2
-0.2
-
μs-
Response delay*3
tdet
-
-
350
μs
Figure 2.58, Figure 2.59
Minimum VCC down time
tVOFF
450
-
-
μs
Figure 2.58,
VCC = 1.0 V or above
Power-on reset enable time
tW (POR)
1-
-
ms
Figure 2.59,
VCC = below 1.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com