Electronic Components Datasheet Search
  English  ▼

X  

S124 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 20Page - Renesas Technology Corp S124 Datasheet HTML 21Page - Renesas Technology Corp S124 Datasheet HTML 22Page - Renesas Technology Corp S124 Datasheet HTML 23Page - Renesas Technology Corp S124 Datasheet HTML 24Page - Renesas Technology Corp S124 Datasheet HTML 25Page - Renesas Technology Corp S124 Datasheet HTML 26Page - Renesas Technology Corp S124 Datasheet HTML 27Page - Renesas Technology Corp S124 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 24 of 95
Feb 23, 2016
S124
2. Electrical Characteristics
2.2.3
I/O IOH, IOL
Caution:
To protect the reliability of the MCU, the output current values should not exceed the values in this
table. The average output current indicates the average value of current measured during 100 μs.
Note 1. This is the value when low driving ability is selected with the port drive capability bit in the PmnPFS register.
Note 2. This is the value when middle driving ability is selected with the port drive capability bit in the PmnPFS register.
Note 3. Except for Ports P200, P214, P215, which are input ports.
Table 2.6
I/O IOH, IOL
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Item
Symbol
Min
Typ
Max
Unit
Permissible output current
(average value per pin)
Ports P000 to P004,
P010 to P015, P212, P213
-
IOH
--–4.0
mA
IOL
--4.0
mA
Ports P408, P409
Low drive*1
IOH
--–4.0
mA
IOL
--4.0
mA
Middle drive*2
VCC = 2.7 to 3.0 V
IOH
--–8.0
mA
IOL
--8.0
mA
Middle drive*2
VCC = 3.0 to 5.5 V
IOH
--–20.0
mA
IOL
--20.0
mA
Other output pins*3
Low drive*1
IOH
--–4.0
mA
IOL
--4.0
mA
Middle drive*2
IOH
--–8.0
mA
IOL
--8.0
mA
Permissible output current
(max value per pin)
Ports P000 to P004,
P010 to P015, P212, P213
-
IOH
--–4.0
mA
IOL
--4.0
mA
Ports P408, P409
Low drive*1
IOH
--–4.0
mA
IOL
--4.0
mA
Middle drive*2
VCC = 2.7 to 3.0 V
IOH
--–8.0
mA
IOL
--8.0
mA
Middle drive*2
VCC = 3.0 to 5.5 V
IOH
--–20.0
mA
IOL
--20.0
mA
Other output pins*3
Low drive*1
IOH
--–4.0
mA
IOL
--4.0
mA
Middle drive*2
IOH
--–8.0
mA
IOL
--8.0
mA
Permissible output current
(max value total pins)
Total of ports P000 to P004, P010 to P015
Σ
IOH (max)
--–30
mA
Σ
IOL (max)
--30
mA
Total of all output pin
Σ
IOH (max)
--–60
mA
Σ
IOL (max)
--60
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com