Electronic Components Datasheet Search
  English  ▼

X  

S124 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 32Page - Renesas Technology Corp S124 Datasheet HTML 33Page - Renesas Technology Corp S124 Datasheet HTML 34Page - Renesas Technology Corp S124 Datasheet HTML 35Page - Renesas Technology Corp S124 Datasheet HTML 36Page - Renesas Technology Corp S124 Datasheet HTML 37Page - Renesas Technology Corp S124 Datasheet HTML 38Page - Renesas Technology Corp S124 Datasheet HTML 39Page - Renesas Technology Corp S124 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 36 of 95
Feb 23, 2016
S124
2. Electrical Characteristics
Note 1. Supply current values do not include output charge/discharge current from all pins. The values apply when
internal pull-up MOSs are in the off state.
Note 2. The clock source is HOCO.
Note 3. The clock source is MOCO.
Note 4. The clock source is the sub-clock oscillator.
Note 5. This does not include BGO operation.
Note 6. This is the increase for programming or erasure of the ROM or flash memory for data storage during program
execution.
Note 7. PCLKB and PCLKD are set to divided by 64.
Note 8. PCLKB and PCLKD are the same frequency as that of ICLK.
Note 9. VCC = 3.3 V.
Note 1. Supply current values do not include output charge/discharge current from all pins. The values apply when
internal pull-up MOS transistors are in the off state.
Note 2. The IWDT and LVD are not operating.
Supply
current*1
Low-voltage
mode*3
Normal mode
All peripheral clock
disabled, code executing
from flash*5
ICLK = 4 MHz
ICC
1.4
-
mA
*7
All peripheral clock
disabled, CoreMark code
executing from flash*5
ICLK = 4 MHz
1.4
-
All peripheral clock
enabled, code executing
from flash*5
ICLK = 4 MHz
2.1
-
*8
All peripheral clock
enabled, code executing
from flash*5
ICLK = 4 MHz
-
4.0
Sleep mode
All peripheral clock
disabled*5
ICLK = 4 MHz
0.9
-
*7
All peripheral clock
enabled*5
ICLK = 4 MHz
1.6
-
*8
Subosc-
speed
mode*4
Normal mode
All peripheral clock
disabled, code executing
from flash*5
ICLK = 32.768 kHz
ICC
5.9
-
μA*7
All peripheral clock
enabled, code executing
from flash*5
ICLK = 32.768 kHz
13.0
-
*8
All peripheral clock
enabled, code executing
from flash*5
ICLK = 32.768 kHz
-
55.0
Sleep mode
All peripheral clock
disabled*5
ICLK = 32.768 kHz
3.2
-
*7
All peripheral clock
enabled*5
ICLK = 32.768 kHz
10.0
-
*8
Table 2.12
Operating and standby current (2)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Item
Symbol
Typ*3
Max
Unit
Test conditions
Supply
current*1
Software Standby
mode*2
Ta = 25°C
ICC
0.4
1.5
μA-
Ta = 55°C
0.6
5.5
Ta = 85°C
1.2
10.0
Ta = 105°C
2.6
40.0
Increment for RTC operation with
low-speed on-chip oscillator*4
0.4
-
-
Increment for RTC operation with
sub-clock oscillator*4
0.5
-
SOMCR.SODRV[1:0] are 11b
(Low power mode 3)
1.3
-
SOMCR.SODRV[1:0] are 00b
(Normal mode)
Table 2.11
Operating and standby current (1) (2/2)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Item
Symbol
Typ*9
Max
Unit
Test
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com