Electronic Components Datasheet Search
  English  ▼

X  

S124 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 64Page - Renesas Technology Corp S124 Datasheet HTML 65Page - Renesas Technology Corp S124 Datasheet HTML 66Page - Renesas Technology Corp S124 Datasheet HTML 67Page - Renesas Technology Corp S124 Datasheet HTML 68Page - Renesas Technology Corp S124 Datasheet HTML 69Page - Renesas Technology Corp S124 Datasheet HTML 70Page - Renesas Technology Corp S124 Datasheet HTML 71Page - Renesas Technology Corp S124 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 68 of 95
Feb 23, 2016
S124
2. Electrical Characteristics
Figure 2.52
Test circuit for Full-Speed (FS) connection
Figure 2.53
Test circuit for Low-Speed (LS) connection
2.4.2
USB External Supply
Table 2.39
USB regulator
Item
Min
Typ
Max
Unit
Test conditions
VCC_USB supply current
VCC_USB_LDO ≥ 3.8V
--
50
mA
-
VCC_USB_LDO ≥ 4.5V
--
100
mA
-
VCC_USB supply voltage
3.0
-
3.6
V
-
Observation
point
50 pF
USB_DP
USB_DM
50 pF
Observation
point
200 pF to
600 pF
USB_DP
USB_DM
200 pF to
600 pF
1.5 K
3.6 V
Observation
point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com