Electronic Components Datasheet Search
  English  ▼

X  

S124 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 82Page - Renesas Technology Corp S124 Datasheet HTML 83Page - Renesas Technology Corp S124 Datasheet HTML 84Page - Renesas Technology Corp S124 Datasheet HTML 85Page - Renesas Technology Corp S124 Datasheet HTML 86Page - Renesas Technology Corp S124 Datasheet HTML 87Page - Renesas Technology Corp S124 Datasheet HTML 88Page - Renesas Technology Corp S124 Datasheet HTML 89Page - Renesas Technology Corp S124 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 86 of 95
Feb 23, 2016
S124
2. Electrical Characteristics
Note 1. Does not include the time until each operation of the flash memory is started after instructions are executed by
the software.
Note 2. The lower-limit frequency of ICLK is 1 MHz during programming or erasing the flash memory. When using ICLK
at below 4 MHz, the frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer frequency such as 1.5 MHz
cannot be set.
Note 3. The frequency accuracy of ICLK must be ±3.5% while programming or erasing the flash memory. Confirm the
frequency accuracy of the clock source.
2.12.2
Data Flash Memory Characteristics
Note 1. The reprogram/erase cycle is the number of erasure for each block. When the reprogram/erase cycle is n times
(n = 100,000), erasing can be performed n times for each block. For instance, when 1-byte programming is
performed 1,000 times for different addresses in 1-byte blocks, and then the entire block is erased, the
reprogram/erase cycle is counted as one. However, programming the same address for several times as one
erasure is not enabled. (overwriting is prohibited.)
Note 2. Characteristics when using the flash memory programmer and the self-programming library provided by Renesas
Electronics.
Note 3. These results are obtained from reliability testing.
Table 2.58
Code flash characteristics (3)
Middle-speed operating mode
Conditions: VCC = AVCC0 = 1.8 to 5.5 V, Ta = -40 to +85°C
Item
Symbol
ICLK = 1 MHz
ICLK = 8 MHz
Unit
Min
Typ
Max
Min
Typ
Max
Programming time
4-byte
tP4
-
157
1411
-
101
966
μs
Erasure time
1-KB
tE1K
-
9.10
289
-
6.10
228
ms
Blank check time
2-byte
tBC4
--
87.7
--
52.5
μs
1-KB
tBC1K
--
1930
--
414
μs
Erase suspended time
tSED
--
32.7
--
21.6
μs
Startup area switching setting time
tSAS
-
22.8
592
-
14.2
465
ms
Access window time
tAWS
-
22.8
592
-
14.2
465
ms
OCD/serial programmer ID setting time
tOSIS
-
22.8
592
-
14.2
465
ms
Flash memory mode transition wait
time 1
tDIS
2
--
2
--
μs
Flash memory mode transition wait
time 2
tMS
720
--
720
--
ns
Table 2.59
Data flash characteristics (1)
Item
Symbol
Min
Typ
Max
Unit
Conditions
Reprogramming/erasure cycle*1
NDPEC
100000
1000000
-
Times
-
Data hold time
After 10000 times of NDPEC
tDDRP
20*2, *3
--
Year
Ta = +85°C
After 100000 times of NDPEC
5*2, *3
--
Year
After 1000000 times of NDPEC
-1*2, *3
-
Year
Ta = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com