Electronic Components Datasheet Search
  English  ▼

X  

S124 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 37Page - Renesas Technology Corp S124 Datasheet HTML 38Page - Renesas Technology Corp S124 Datasheet HTML 39Page - Renesas Technology Corp S124 Datasheet HTML 40Page - Renesas Technology Corp S124 Datasheet HTML 41Page - Renesas Technology Corp S124 Datasheet HTML 42Page - Renesas Technology Corp S124 Datasheet HTML 43Page - Renesas Technology Corp S124 Datasheet HTML 44Page - Renesas Technology Corp S124 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 41 of 95
Feb 23, 2016
S124
2. Electrical Characteristics
2.3.2
Clock Timing
Table 2.21
Clock timing (1/2)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
EXTAL external clock input cycle time
tXcyc
50
-
-
ns
Figure 2.18
EXTAL external clock input high pulse width
tXH
20
-
-
ns
EXTAL external clock input low pulse width
tXL
20
-
-
ns
EXTAL external clock rising time
tXr
--
5
ns
EXTAL external clock falling time
tXf
--
5
ns
EXTAL external clock input wait time*1
tEXWT
0.3
-
-
μs-
EXTAL external clock input frequency
fEXTAL
--
20
MHz
2.4 ≤ VCC ≤ 5.5
--
8
1.8 ≤ VCC < 2.4
--
1
1.6 ≤ VCC < 1.8
Main clock oscillator oscillation frequency
fMAIN
1-
20
MHz
2.4 ≤ VCC ≤ 5.5
1-
8
1.8 ≤ VCC < 2.4
1-
4
1.6 ≤ VCC < 1.8
LOCO clock oscillation frequency
fLOCO
27.8528
32.768
37.6832
kHz
-
LOCO clock oscillation stabilization time
tLOCO
-
-
100
μs
Figure 2.19
IWDT-dedicated clock oscillation frequency
fILOCO
12.75
15
17.25
kHz
-
MOCO clock oscillation frequency
fMOCO
6.8
8
9.2
MHz
-
MOCO clock oscillation stabilization time
tMOCO
--
1
μs-
HOCO clock oscillation frequency
fHOCO24
23.64
24
24.36
MHz
Ta = –40 to –20°C
1.8 ≤ VCC ≤ 5.5
22.68
24
25.32
Ta = –40 to 85°C
1.6 ≤ VCC < 1.8
23.76
24
24.24
Ta = –20 to 85°C
1.8 ≤ VCC ≤ 5.5
23.52
24
24.48
Ta = 85 to 105°C
2.4 ≤ VCC ≤ 5.5
fHOCO32
31.52
32
32.48
Ta = –40 to –20°C
1.8 ≤ VCC ≤ 5.5
30.24
32
33.76
Ta = –40 to 85°C
1.6 ≤ VCC < 1.8
31.68
32
32.32
Ta = –20 to 85°C
1.8 ≤ VCC ≤ 5.5
31.36
32
32.64
Ta = 85 to 105°C
2.4 ≤ VCC ≤ 5.5
fHOCO48*3
47.28
48
48.72
Ta = –40 to –20°C
1.8 ≤ VCC ≤ 5.5
47.52
48
48.48
Ta = –20 to 85°C
1.8 ≤ VCC ≤ 5.5
47.04
48
48.96
Ta = –40 to 105°C
2.4 ≤ VCC ≤ 5.5
fHOCO64*4
63.04
64
64.96
Ta = –40 to –20°C
2.4 ≤ VCC ≤ 5.5
63.36
64
64.64
Ta = –20 to 85°C
2.4 ≤ VCC ≤ 5.5
62.72
64
65.28
Ta = 85 to 105°C
2.4 ≤ VCC ≤ 5.5
HOCO clock oscillation
stabilization time*5, *6
Except low-
voltage mode
tHOCO24
tHOCO32
-
-
37.1
μs
Figure 2.20
tHOCO48
-
-
43.3
tHOCO64
-
-
80.6
Low-voltage
mode
tHOCO24
tHOCO32
tHOCO48
tHOCO64
-
-
100.9
Sub-clock oscillator oscillation frequency
fSUB
-
32.768
-
kHz
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com