Electronic Components Datasheet Search
  English  ▼

X  

S124 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 36Page - Renesas Technology Corp S124 Datasheet HTML 37Page - Renesas Technology Corp S124 Datasheet HTML 38Page - Renesas Technology Corp S124 Datasheet HTML 39Page - Renesas Technology Corp S124 Datasheet HTML 40Page - Renesas Technology Corp S124 Datasheet HTML 41Page - Renesas Technology Corp S124 Datasheet HTML 42Page - Renesas Technology Corp S124 Datasheet HTML 43Page - Renesas Technology Corp S124 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 40 of 95
Feb 23, 2016
S124
2. Electrical Characteristics
Note 1. The lower-limit frequency of ICLK is 1 MHz while programming or erasing the flash memory.
Note 2. The frequency accuracy of ICLK must be ±3.5% while programming or erasing the flash memory. Confirm the
frequency accuracy of the clock source.
Note 3. The lower-limit frequency of PCLKD is 1 MHz when the A/D converter is in use.
Note 4. See section 8, Clock Generation Circuit in User’s Manual for the relationship of frequencies between ICLK,
PCLKB, and PCLKD.
Note 1. The lower-limit frequency of ICLK is 1 MHz while programming or erasing the flash memory. When using ICLK for
programming or erasing the flash memory at below 4 MHz, the frequency can be set to 1 MHz, 2 MHz, or 3 MHz.
A non-integer frequency such as 1.5 MHz cannot be set.
Note 2. The frequency accuracy of ICLK must be ±3.5% while programming or erasing the flash memory. Confirm the
frequency accuracy of the clock source.
Note 3. The lower-limit frequency of PCLKD is 4 MHz at 2.4 V or above and 1 MHz at below 2.4 V when the 14-bit A/D
converter is in use.
Note 4. See section 8, Clock Generation Circuit in User’s Manual for the relationship of frequencies between ICLK,
PCLKB, and PCLKD.
Note 1. Programming and erasing the flash memory is not possible.
Note 2. The 14-bit A/D converter cannot be used.
Note 3. See section 8, Clock Generation Circuit in User’s Manual for the relationship of frequencies between ICLK,
PCLKB, and PCLKD.
Table 2.18
Operation frequency in low-speed mode
Conditions: VCC = AVCC0 = 1.8 to 5.5 V
Item
Symbol
Min
Typ
Max
Unit
Operation
frequency
System clock (ICLK)*1, *2, *4
1.8 to 5.5 V
f
0.032768
-
1
MHz
Peripheral module clock (PCLKB)*4
1.8 to 5.5 V
-
-
1
Peripheral module clock (PCLKD)*3, *4
1.8 to 5.5 V
-
-
1
Table 2.19
Operation frequency in low-voltage mode
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Item
Symbol
Min
Typ
Max
Unit
Operation
frequency
System clock (ICLK)*1, *2, *4
1.6 to 5.5 V
f
0.032768
-
4
MHz
Peripheral module clock (PCLKB)*4
1.6 to 5.5 V
-
-
4
Peripheral module clock (PCLKD)*3, *4
1.6 to 5.5 V
-
-
4
Table 2.20
Operation frequency in Subosc-speed mode
Conditions: VCC = AVCC0 = 1.8 to 5.5 V
Item
Symbol
Min
Typ
Max
Unit
Operation
frequency
System clock (ICLK)*1, *3
1.8 to 5.5 V
f
27.8528
32.768
37.6832
kHz
Peripheral module clock (PCLKB)*3
1.8 to 5.5 V
-
-
37.6832
Peripheral module clock (PCLKD)*2, *3
1.8 to 5.5 V
-
-
37.6832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com