Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 140 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 140 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 136Page - Cirrus Logic WM8918 Datasheet HTML 137Page - Cirrus Logic WM8918 Datasheet HTML 138Page - Cirrus Logic WM8918 Datasheet HTML 139Page - Cirrus Logic WM8918 Datasheet HTML 140Page - Cirrus Logic WM8918 Datasheet HTML 141Page - Cirrus Logic WM8918 Datasheet HTML 142Page - Cirrus Logic WM8918 Datasheet HTML 143Page - Cirrus Logic WM8918 Datasheet HTML 144Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
140
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R33 (21h)
DAC Digital
1
12
DAC_MONO
0
DAC Mono Mix
0 = Stereo
1 = Mono (Mono mix output on enabled DAC)
11
DAC_SB_FILT
0
Selects DAC filter characteristics
0 = Normal mode
1 = Sloping stopband mode
(recommended when fs<=24kHz)
10
DAC_MUTERA
TE
0
DAC Soft Mute Ramp Rate
0 = Fast ramp (fs/2, maximum ramp time is 10.7ms at
fs=48k)
1 = Slow ramp (fs/32, maximum ramp time is 171ms at
fs=48k)
9
DAC_UNMUTE
_RAMP
0
DAC Soft Mute Mode
0 = Disabling soft-mute (DAC_MUTE=0) will cause the
DAC volume to change immediately to DACL_VOL and
DACR_VOL settings
1 = Disabling soft-mute (DAC_MUTE=0) will cause the
DAC volume to ramp up gradually to the DACL_VOL
and DACR_VOL settings
6
DAC_OSR128
0
DAC Oversample Rate Select
0 = Low power (normal OSR)
1 = High performance (double OSR)
3
DAC_MUTE
1
DAC Soft Mute Control
0 = DAC Un-mute
1 = DAC Mute
2:1
DEEMPH[1:0]
00
DAC De-Emphasis Control
00 = No de-emphasis
01 = 32kHz sample rate
10 = 44.1kHz sample rate
11 = 48kHz sample rate
Register 21h
DAC Digital 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R36 (24h)
DMIC Digital
Volume Left
8
DMIC_VU
0
Digital Microphone Volume Update
Writing a 1 to this bit will cause left and right DMIC
volume to be updated simultaneously
7:0
DMICL_VOL[7:
0]
1100_0000 Left Digital Microphone Volume
00h = Mute
01h = -71.625dB
02h = -71.250dB
… (0.375dB steps)
C0h = 0dB
… (0.375dB steps)
EFh to FFh = +17.625dB
Register 24h
DMIC Digital Volume Left



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com