Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 137 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 137 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 133Page - Cirrus Logic WM8918 Datasheet HTML 134Page - Cirrus Logic WM8918 Datasheet HTML 135Page - Cirrus Logic WM8918 Datasheet HTML 136Page - Cirrus Logic WM8918 Datasheet HTML 137Page - Cirrus Logic WM8918 Datasheet HTML 138Page - Cirrus Logic WM8918 Datasheet HTML 139Page - Cirrus Logic WM8918 Datasheet HTML 140Page - Cirrus Logic WM8918 Datasheet HTML 141Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 176 page
background image
Production Data
WM8918
w
PD, Rev 4.1, January 2012
137
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R25 (19h)
Audio
Interface 1
13
AIFRX_TDM
0
AIFRX TDM Enable
0 = Normal AIFRXDAT operation
1 = TDM enabled on AIFRXDAT
12
AIFRX_TDM_C
HAN
0
AIFRX TDM Channel Select
0 = AIFRXDAT data input on slot 0
1 = AIFRXDAT data input on slot 1
11
AIFTX_TDM
0
AIFTX TDM Enable
0 = Normal AIFTXDAT operation
1 = TDM enabled on AIFTXDAT
10
AIFTX_TDM_C
HAN
0
AIFTX TDM Channel Select
0 = AIFTXDAT outputs data on slot 0
1 = AIFTXDAT output data on slot 1
8
AIF_TRIS
0
Audio Interface Tristate
0 = Audio interface pins operate normally
1 = Tristate all audio interface pins
7
AIF_BCLK_INV
0
BCLK Invert
0 = BCLK not inverted
1 = BCLK inverted
6
BCLK_DIR
0
Audio Interface BCLK Direction
0 = BCLK is input
1 = BCLK is output
4
AIF_LRCLK_IN
V
0
LRC Polarity / DSP Mode A-B select.
Right, left and I2S modes – LRC polarity
0 = Not Inverted
1 = Inverted
DSP Mode – Mode A-B select
0 = MSB is available on 2nd BCLK rising edge after
LRC rising edge (mode A)
1 = MSB is available on 1st BCLK rising edge after LRC
rising edge (mode B)
3:2
AIF_WL[1:0]
10
Digital Audio Interface Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits
1:0
AIF_FMT[1:0]
10
Digital Audio Interface Format
00 = Right Justified
01 = Left Justified
10 = I2S
11 = DSP
Register 19h
Audio Interface 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com