Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 133 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 133 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 129Page - Cirrus Logic WM8918 Datasheet HTML 130Page - Cirrus Logic WM8918 Datasheet HTML 131Page - Cirrus Logic WM8918 Datasheet HTML 132Page - Cirrus Logic WM8918 Datasheet HTML 133Page - Cirrus Logic WM8918 Datasheet HTML 134Page - Cirrus Logic WM8918 Datasheet HTML 135Page - Cirrus Logic WM8918 Datasheet HTML 136Page - Cirrus Logic WM8918 Datasheet HTML 137Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 176 page
background image
Production Data
WM8918
w
PD, Rev 4.1, January 2012
133
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
1
MICDET_ENA
0
MICBIAS Current and Short Circuit Detect Enable
0 = disabled
1 = enabled
0
MICBIAS_ENA
0
MICBIAS Enable
0 = disabled
1 = enabled
Register 06h
Mic Bias Control 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R7 (07h) Mic
Bias Control
1
2:0
MICBIAS_SEL[
2:0]
000
Selects MICBIAS voltage (AVDD=1.8V)
000 = 1.6V
001 = 2.0V
010 = 2.1V
011 = 2.4V
100 to 111 = 2.7V
Values scale with AVDD.
Register 07h
Mic Bias Control 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R10 (0Ah)
Analogue
DMIC 0
0
DMIC_OSR128
1
DMIC Oversampling Ratio
0 = Normal (64 x fs)
1 = Reserved
This bit must be set to 0 for digital microphone
operation.
Register 0Ah
Analogue DMIC 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R12 (0Ch)
Power
Managemen
t 0
1
INL_ENA
0
Left Input PGA Enable
0 = disabled
1 = enabled
0
INR_ENA
0
Right Input PGA Enable
0 = disabled
1 = enabled
Register 0Ch
Power Management 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R14 (0Eh)
Power
Managemen
t 2
1
HPL_PGA_EN
A
0
Left Headphone Output Enable
0 = disabled
1 = enabled
0
HPR_PGA_EN
A
0
Right Headphone Output Enable
0 = disabled
1 = enabled
Register 0Eh
Power Management 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com