Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 136 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 136 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 132Page - Cirrus Logic WM8918 Datasheet HTML 133Page - Cirrus Logic WM8918 Datasheet HTML 134Page - Cirrus Logic WM8918 Datasheet HTML 135Page - Cirrus Logic WM8918 Datasheet HTML 136Page - Cirrus Logic WM8918 Datasheet HTML 137Page - Cirrus Logic WM8918 Datasheet HTML 138Page - Cirrus Logic WM8918 Datasheet HTML 139Page - Cirrus Logic WM8918 Datasheet HTML 140Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
136
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R24 (18h)
Audio
Interface 0
12
AIFRXL_DATI
NV
0
Left DAC Invert
0 = Left DAC output not inverted
1 = Left DAC output inverted
11
AIFRXR_DATI
NV
0
Right DAC Invert
0 = Right DAC output not inverted
1 = Right DAC output inverted
10:9
DAC_BOOST[1
:0]
00
DAC Digital Input Volume Boost
00 = 0dB
01 = +6dB (Input data must not exceed -6dBFS)
10 = +12dB (Input data must not exceed -12dBFS)
11 = +18dB (Input data must not exceed -18dBFS)
8
LOOPBACK
0
Digital Loopback Function
0 = No loopback
1 = Loopback enabled (DMIC data output is directly
input to DAC data input)
7
AIFTXL_SRC
0
Left Digital Audio interface source
0 = Left DMIC data is output on left channel
1 = Right DMIC data is output on left channel
6
AIFTXR_SRC
1
Right Digital Audio interface source
0 = Left DMIC data is output on right channel
1 = Right DMIC data is output on right channel
5
AIFRXL_SRC
0
Left DAC Data Source Select
0 = Left DAC outputs left channel data
1 = Left DAC outputs right channel data
4
AIFRXR_SRC
1
Right DAC Data Source Select
0 = Right DAC outputs left channel data
1 = Right DAC outputs right channel data
3
AIFTX_COMP
0
AIFTX Companding Enable
0 = Disabled
1 = Enabled
2
AIFTX_COMP
MODE
0
AIFTX Companding Type
0 = µ-law
1 = A-law
1
AIFRX_COMP
0
AIFRX Companding Enable
0 = Disabled
1 = Enabled
0
AIFRX_COMP
MODE
0
AIFRX Companding Type
0 = µ-law
1 = A-law
Register 18h
Audio Interface 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com