Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 134 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 134 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 130Page - Cirrus Logic WM8918 Datasheet HTML 131Page - Cirrus Logic WM8918 Datasheet HTML 132Page - Cirrus Logic WM8918 Datasheet HTML 133Page - Cirrus Logic WM8918 Datasheet HTML 134Page - Cirrus Logic WM8918 Datasheet HTML 135Page - Cirrus Logic WM8918 Datasheet HTML 136Page - Cirrus Logic WM8918 Datasheet HTML 137Page - Cirrus Logic WM8918 Datasheet HTML 138Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
134
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R15 (0Fh)
Power
Managemen
t 3
1
LINEOUTL_PG
A_ENA
0
Left Line Output Enable
0 = disabled
1 = enabled
0
LINEOUTR_PG
A_ENA
0
Right Line Output Enable
0 = disabled
1 = enabled
Register 0Fh
Power Management 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R18 (12h)
Power
Managemen
t 6
3
DACL_ENA
0
Left DAC Enable
0 = DAC disabled
1 = DAC enabled
2
DACR_ENA
0
Right DAC Enable
0 = DAC disabled
1 = DAC enabled
1
DMICL_ENA
0
Digital Microphone DSP Enable
0 = Disabled
1 = Enabled
0
DMICR_ENA
0
Digital Microphone DSP Enable
0 = Disabled
1 = Enabled
Register 12h
Power Management 6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R20 (14h)
Clock Rates
0
14
TOCLK_RATE
_DIV16
0
TOCLK Rate Divider (/16)
0 = f / 1
1 = f / 16
13
TOCLK_RATE
_X4
0
TOCLK Rate Multiplier
0 = f x 1
1 = f x 4
0
MCLK_DIV
0
Enables divide by 2 on MCLK
0 = SYSCLK = MCLK
1 = SYSCLK = MCLK / 2
Register 14h
Clock Rates 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com