Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 166 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 166 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 162Page - Cirrus Logic WM8918 Datasheet HTML 163Page - Cirrus Logic WM8918 Datasheet HTML 164Page - Cirrus Logic WM8918 Datasheet HTML 165Page - Cirrus Logic WM8918 Datasheet HTML 166Page - Cirrus Logic WM8918 Datasheet HTML 167Page - Cirrus Logic WM8918 Datasheet HTML 168Page - Cirrus Logic WM8918 Datasheet HTML 169Page - Cirrus Logic WM8918 Datasheet HTML 170Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
166
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R139 (8Bh)
EQ6
4:0
EQ_B5_GAIN[
4:0]
0_1100
Gain for EQ band5
00000 = -12dB
00001 = -11dB
(… 1dB steps)
01100 = 0dB
(… 1dB steps)
11000 = +12dB
11001 to 11111 = reserved
Register 8Bh EQ6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R140 (8Ch)
EQ7
15:0
EQ_B1_A[15:0] 0000_1111
_1100_101
0
EQ Band 1 Coefficient A
Register 8Ch EQ7
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R141 (8Dh)
EQ8
15:0
EQ_B1_B[15:0] 0000_0100
_0000_000
0
EQ Band 1 Coefficient B
Register 8Dh EQ8
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R142 (8Eh)
EQ9
15:0
EQ_B1_PG[15:
0]
0000_0000
_1101_100
0
EQ Band 1 Coefficient PG
Register 8Eh EQ9
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R143 (8Fh)
EQ10
15:0
EQ_B2_A[15:0] 0001_1110
_1011_010
1
EQ Band 2 Coefficient A
Register 8Fh EQ10
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R144 (90h)
EQ11
15:0
EQ_B2_B[15:0] 1111_0001
_0100_010
1
EQ Band 2 Coefficient B
Register 90h EQ11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com