Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 167 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 167 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 163Page - Cirrus Logic WM8918 Datasheet HTML 164Page - Cirrus Logic WM8918 Datasheet HTML 165Page - Cirrus Logic WM8918 Datasheet HTML 166Page - Cirrus Logic WM8918 Datasheet HTML 167Page - Cirrus Logic WM8918 Datasheet HTML 168Page - Cirrus Logic WM8918 Datasheet HTML 169Page - Cirrus Logic WM8918 Datasheet HTML 170Page - Cirrus Logic WM8918 Datasheet HTML 171Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 176 page
background image
Production Data
WM8918
w
PD, Rev 4.1, January 2012
167
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R145 (91h)
EQ12
15:0
EQ_B2_C[15:0] 0000_1011
_0111_010
1
EQ Band 2 Coefficient C
Register 91h EQ12
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R146 (92h)
EQ13
15:0
EQ_B2_PG[15:
0]
0000_0001
_1100_010
1
EQ Band 2 Coefficient PG
Register 92h EQ13
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R147 (93h)
EQ14
15:0
EQ_B3_A[15:0] 0001_1100
_0101_100
0
EQ Band 3 Coefficient A
Register 93h EQ14
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R148 (94h)
EQ15
15:0
EQ_B3_B[15:0] 1111_0011
_0111_001
1
EQ Band 3 Coefficient B
Register 94h EQ15
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R149 (95h)
EQ16
15:0
EQ_B3_C[15:0] 0000_1010
_0101_010
0
EQ Band 3 Coefficient C
Register 95h EQ16
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R150 (96h)
EQ17
15:0
EQ_B3_PG[15:
0]
0000_0101
_0101_100
0
EQ Band 3 Coefficient PG
Register 96h EQ17
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R151 (97h)
EQ18
15:0
EQ_B4_A[15:0] 0001_0110
_1000_111
0
EQ Band 4 Coefficient A
Register 97h EQ18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com