Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 170 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 170 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 166Page - Cirrus Logic WM8918 Datasheet HTML 167Page - Cirrus Logic WM8918 Datasheet HTML 168Page - Cirrus Logic WM8918 Datasheet HTML 169Page - Cirrus Logic WM8918 Datasheet HTML 170Page - Cirrus Logic WM8918 Datasheet HTML 171Page - Cirrus Logic WM8918 Datasheet HTML 172Page - Cirrus Logic WM8918 Datasheet HTML 173Page - Cirrus Logic WM8918 Datasheet HTML 174Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
170
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
Figure 71 Recommended External Components
Notes:
1.
Decoupling Capacitors
X5R ceramic capacitor is recommended for capacitors C1, C2, C3, C4, C5, C15, C16, C17 and C18.
The positioning of C17 and C18 is very important - these should be as close to the WM8918 as possible.
Capacitors C15 and C16 should also be positioned as close to the WM8918 as possible.
2.
Charge Pump Capacitors
Specific recommendations for C14, C15 and C16 are provided in Table 88. Note that two different recommendations are
provided for C15 and C16; either of these components is suitable, depending upon size requirements and availability.
The positioning of C14 is very important - this should be as close to the WM8918 as possible.
It is important to select a suitable capacitor type for the Charge Pump. Note that the capacitance may vary with DC voltage;
care is required to ensure that required capacitance is achieved at the applicable operating voltage, as specified in Table 88.
The capacitor datasheet should be consulted for this information.
COMPONENT
REQUIRED
CAPACITANCE
VALUE
PART NUMBER
VOLTAGE
TYPE
SIZE
C14 (CPCA-CPCB)
 1F at 2VDC
2.2
F
Kemet C0402C225M9PAC
6.3v
X5R
0402
C15 (CPVOUTN)
C16 (CPVOUTP)
 2F at 2VDC
2.2
F
MuRata GRM188R61A225KE34D
10v
X5R
0603
4.7
F
MuRata GRM155R60J475M_EIA
6.3v
X5R
0402
Table 88 Charge Pump Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com