| Electronic Components Datasheet Search |
|
WM8918 Datasheet(PDF) 172 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8918 Datasheet(HTML) 172 Page - Cirrus Logic |
|
172 / 176 page ![]() WM8918 Production Data w PD, Rev 4.1, January 2012 172 MIC DETECTION SEQUENCE USING MICBIAS CURRENT This section details an example sequence which summarises how the host processor can configure and detect the events supported by the MICBIAS current detect function (see “Electret Condenser Microphone Interface”): Mic insertion/removal Hook switch press/release Figure 72 shows an example of how the MICBIAS current flow varies versus time, during mic insertion and hook switch events. The Y axis is annotated with the Mic detection thresholds, and the X axis is annotated with the stages of an example sequence as detailed in Table 89, to illustrate how the host processor can implement mic insertion and hook switch detection. The sequence assumes that the microphone insertion and hook switch detection functions are monitored by polling the interrupt flags using the control interface. Note that the maximum mechanical bounce times for mic insertion and removal must be fully understood by the software programmer. A GPIO pin could be used as an alternative mechanism to monitor the MICBIAS detection functions. This enables the host processor to detect mechanical bounce at any time. Time Mic Hook Switch Threshold Mic Detect Interrupt (1) (2) (4) (5) (6) (7) (8) (9) TDET TDET Mic Detect Threshold Hysteresis (3) (10) TSHORT TSHORT Mic Detect Interrupt Polarity Mic Short Interrupt Mic Short Interrupt Polarity MIC_DET_EINT MIC_DET_EINT_POL MIC_SHRT_EINT MIC_SHRT_EINT_POL HOST PROCESSOR Read the Mic detect interrupt flag. If high, can then set MIC_DET_EINT_POL to 1, but only if mechanical bounce phase has finished. Clear MIC_DET_EINT by writing ‘1’. Read the Hook switch interrupt flag. If high, can immediately set MIC_SHRT_EINT_POL to 1. Clear MIC_SHRT_EINT by writing ‘1’. Read the Hook switch interrupt flag. If high, can immediately clear MIC_SHRT_EINT_POL to 0. Clear MIC_SHRT_EINT by writing ‘1’. Read the Mic detect interrupt flag. If high, can then clear MIC_DET_EINT_POL to 0, but only if mechanical bounce phase has finished. Clear MIC_DET_EINT by writing ‘1’. Step (1) (2) (4) (5) (6) (7) (8) (9) (3) (10) Step Example plot of MICBIAS Current versus time Mic inserted Hook switch pressed Figure 72 Mic Insert and Hook Switch Detect: Example MICBIAS Current Plot |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |