Electronic Components Datasheet Search
  English  ▼

X  

WM8918 Datasheet(PDF) 174 Page - Cirrus Logic

Part # WM8918
Description  Ultra Low Power DAC for Portable Audio Applications
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8918 Datasheet(HTML) 174 Page - Cirrus Logic

Back Button WM8918 Datasheet HTML 168Page - Cirrus Logic WM8918 Datasheet HTML 169Page - Cirrus Logic WM8918 Datasheet HTML 170Page - Cirrus Logic WM8918 Datasheet HTML 171Page - Cirrus Logic WM8918 Datasheet HTML 172Page - Cirrus Logic WM8918 Datasheet HTML 173Page - Cirrus Logic WM8918 Datasheet HTML 174Page - Cirrus Logic WM8918 Datasheet HTML 175Page - Cirrus Logic WM8918 Datasheet HTML 176Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 174 / 176 page
background image
WM8918
Production Data
w
PD, Rev 4.1, January 2012
174
PACKAGE DIMENSIONS
FL: 32 PIN QFN PLASTIC PACKAGE 4 X 4 X 0.75 mm BODY, 0.40 mm LEAD PITCH
E2
b
B
15
A
8
9
e
C
0.08
C
ccc
A
A1
C
A3
SEATING PLANE
1
L
INDEX AREA
(D/2 X E/2)
TOP VIEW
D
C
aaa
2 X
C
aaa
2 X
E
1
17
24
25
32
D2
B
C
bbb M
A
5
4
NOTES:
1. DIMENSION b APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.15 mm AND 0.25 mm FROM TERMINAL TIP.
2. ALL DIMENSIONS ARE IN MILLIMETRES.
3. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO JEDEC 95-1 SPP-002.
4. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS.
5. REFER TO APPLICATION NOTE WAN_0118 FOR FURTHER INFORMATION REGARDING PCB FOOTPRINTS AND QFN PACKAGE SOLDERING.
6. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
A3
G
b
Exposed lead
DETAIL 1
DETAIL 1
EXPOSED
GROUND
PADDLE
6
BOTTOM VIEW
SIDE VIEW
16
DM067.A
Dimensions (mm)
Symbols
MIN
NOM
MAX
NOTE
A
A1
A3
0.70
0.75
0.8
0.05
0.035
0
0.203 REF
b
D
D2
E
E2
e
L
0.25
0.15
4.00 BSC
2.75
2.7
2.65
0.40 BSC
0.35
0.40
0.45
1
2
2
4.00 BSC
2.75
2.7
2.65
0.10
aaa
bbb
ccc
REF:
0.05
0.10
Tolerances of Form and Position
0.2
0.5
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com