Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 35 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 35 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 31Page - Richtek Technology Corporation RT3607CE Datasheet HTML 32Page - Richtek Technology Corporation RT3607CE Datasheet HTML 33Page - Richtek Technology Corporation RT3607CE Datasheet HTML 34Page - Richtek Technology Corporation RT3607CE Datasheet HTML 35Page - Richtek Technology Corporation RT3607CE Datasheet HTML 36Page - Richtek Technology Corporation RT3607CE Datasheet HTML 37Page - Richtek Technology Corporation RT3607CE Datasheet HTML 38Page - Richtek Technology Corporation RT3607CE Datasheet HTML 39Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
35
RT3607CE
DS3607CE-01 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Table 5. SET1 Pin Setting for ICCMAX
SET1
REF
REF
R2
V=
V
R1+R2
(V
is 3.2V during Pin Setting)
ICCMAX Unit
Min
Typical
Max
Unit
0.000
3.128
6.256
mV
0
A
12.512
15.640
18.768
mV
2
A
25.024
28.152
31.281
mV
4
A
37.537
40.665
43.793
mV
6
A
50.049
53.177
56.305
mV
8
A
62.561
65.689
68.817
mV
10
A
75.073
78.201
81.329
mV
12
A
87.586
90.714
93.842
mV
14
A
100.098 103.226 106.354
mV
16
A
112.610 115.738 118.866
mV
18
A
125.122 128.250 131.378
mV
20
A
137.634 140.762 143.891
mV
22
A
150.147 153.275 156.403
mV
24
A
162.659 165.787 168.915
mV
26
A
175.171 178.299 181.427
mV
28
A
187.683 190.811 193.939
mV
30
A
200.196 203.324 206.452
mV
32
A
212.708 215.836 218.964
mV
34
A
225.220 228.348 231.476
mV
36
A
237.732 240.860 243.988
mV
38
A
250.244 253.372 256.500
mV
40
A
262.757 265.885 269.013
mV
42
A
275.269 278.397 281.525
mV
44
A
287.781 290.909 294.037
mV
46
A
300.293 303.421 306.549
mV
48
A
312.805 315.934 319.062
mV
50
A
325.318 328.446 331.574
mV
52
A
337.830 340.958 344.086
mV
54
A
350.342 353.470 356.598
mV
56
A
362.854 365.982 369.110
mV
58
A
375.367 378.495 381.623
mV
60
A
387.879 391.007 394.135
mV
62
A
400.391 403.519 406.647
mV
64
A
412.903 416.031 419.159
mV
66
A
425.415 428.543 431.672
mV
68
A
437.928 441.056 444.184
mV
70
A
450.440 453.568 456.696
mV
72
A
462.952 466.080 469.208
mV
74
A
SET1
REF
REF
R2
V=
V
R1+R2
(V
is 3.2V during Pin Setting)
ICCMAX Unit
Min
Typical
Max
Unit
475.464 478.592 481.720
mV
76
A
487.977 491.105 494.233
mV
78
A
500.489 503.617 506.745
mV
80
A
513.001 516.129 519.257
mV
82
A
525.513 528.641 531.769
mV
84
A
538.025 541.153 544.282
mV
86
A
550.538 553.666 556.794
mV
88
A
563.050 566.178 569.306
mV
90
A
575.562 578.690 581.818
mV
92
A
588.074 591.202 594.330
mV
94
A
600.587 603.715 606.843
mV
96
A
613.099 616.227 619.355
mV
98
A
625.611 628.739 631.867
mV
100
A
638.123 641.251 644.379
mV
102
A
650.635 653.763 656.891
mV
104
A
663.148 666.276 669.404
mV
106
A
675.660 678.788 681.916
mV
108
A
688.172 691.300 694.428
mV
110
A
700.684 703.812 706.940
mV
112
A
713.196 716.325 719.453
mV
114
A
725.709 728.837 731.965
mV
116
A
738.221 741.349 744.477
mV
118
A
750.733 753.861 756.989
mV
120
A
763.245 766.373 769.501
mV
122
A
775.758 778.886 782.014
mV
124
A
788.270 791.398 794.526
mV
126
A
800.782 803.910 807.038
mV
128
A
813.294 816.422 819.550
mV
130
A
825.806 828.935 832.063
mV
132
A
838.319 841.447 844.575
mV
134
A
850.831 853.959 857.087
mV
136
A
863.343 866.471 869.599
mV
138
A
875.855 878.983 882.111
mV
140
A
888.368 891.496 894.624
mV
142
A
900.880 904.008 907.136
mV
144
A
913.392 916.520 919.648
mV
146
A
925.904 929.032 932.160
mV
148
A
938.416 941.544 944.673
mV
150
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com