Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 48 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 48 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 44Page - Richtek Technology Corporation RT3607CE Datasheet HTML 45Page - Richtek Technology Corporation RT3607CE Datasheet HTML 46Page - Richtek Technology Corporation RT3607CE Datasheet HTML 47Page - Richtek Technology Corporation RT3607CE Datasheet HTML 48Page - Richtek Technology Corporation RT3607CE Datasheet HTML 49Page - Richtek Technology Corporation RT3607CE Datasheet HTML 50Page - Richtek Technology Corporation RT3607CE Datasheet HTML 51Page - Richtek Technology Corporation RT3607CE Datasheet HTML 52Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 69 page
background image
48
RT3607CE
www.richtek.com
DS3607CE-01 June 2016
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 24. All Kind of RxCx Constants
For DCLL performance and ICCMAX accuracy, since the
copper wire of inductor has a positive temperature
coefficient, when temperature goes high in the heavy load
condition, DCR value goes large simultaneously. A resistor
network with NTC thermistor compensation connecting
between the IMON and REF pins is necessary to
compensate the positive temperature coefficient of inductor
DCR. The design flow is as follows:
Step1 : Given the three system temperature TL, TR and
TH, at which are compensated.
Step2 : Three equations can be listed as



4
L
Li
EQ L
i=1
4
R
Li
EQ R
i=1
4
H
Li
EQ H
i=1
DCR (T )
i
R (T ) =1.6
680
DCR (T )
i
R (T ) =1.6
680
DCR (T )
iR (T ) =1.6
680
Where :
(1) The relationship between DCR and temperature is as
follows :
(2) REQ(T) is the equivalent resistor of the resistor network
with a NTC thermister
DCR (T) = DCR (25 C) 1+0.00393 (T - 25)


EQ
IMON1
IMON2
IMON3
NTC
R(T) = R
+ R
/ / R
+R
(T)
And the relationship between NTC and temperature is as
follows :
11
β(
)
T+273 298
NTC
NTC
R
(T) = R
(25 C) e
β is in the NTC thermister datasheet.
Step3 : Three equations and three unknowns, R
IMON1,
RIMON2 and RIMON3 can be found out unique solution.
IMON2
NTCTR
IMON3
IMON1
TR
IMON2
NTCTR
IMON3
R(R
+R
)
R= K
R+R
+R
2
R3
R3
NTCTL
NTCTR
IMON2
NTCTL NTCTR TL
[K +K (R
+R
)
R=
+R
R
]α
IMON3
IMON2
R3
R= -R
+K
Where :
TH
TR
TH
NTCTH
NTCTR
KK
α=
RR
TL
TR
TL
NTCTL
NTCTR
KK
α=
RR
TH
TL
NTCTH
NTCTL
R3
TH
TL
(α
/ α )R
R
K=
1(α
/ α )
TL
CS(TL) CC-MAX
1.6
K=
GI
TR
CS(TR) CC-MAX
1.6
K=
GI
TH
CS(TH) CC-MAX
1.6
K=
GI
x
xx
x
L
RC =
DCR
x
xx
x
L
RC <
DCR
x
xx
x
L
RC >
DCR
Sluggish droop
Undershoot created in VCORE
VCORE
VIMON
OUT
LL
I
x R
OUT
I
Expected load transient waveform
VCORE
VIMON
OUT
LL
I
x R
OUT
I
VCORE
VIMON
OUT
LL
I
x R
OUT
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com