Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 57 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 57 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 53Page - Richtek Technology Corporation RT3607CE Datasheet HTML 54Page - Richtek Technology Corporation RT3607CE Datasheet HTML 55Page - Richtek Technology Corporation RT3607CE Datasheet HTML 56Page - Richtek Technology Corporation RT3607CE Datasheet HTML 57Page - Richtek Technology Corporation RT3607CE Datasheet HTML 58Page - Richtek Technology Corporation RT3607CE Datasheet HTML 59Page - Richtek Technology Corporation RT3607CE Datasheet HTML 60Page - Richtek Technology Corporation RT3607CE Datasheet HTML 61Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 69 page
background image
57
RT3607CE
DS3607CE-01 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Table 10. SETA1 Pin Setting for DVID_Threshold
Dynamic VID (DVID) Compensation for AXG VR
As mention in DVID compensation section of CORE VR,
the RT3607CE also provides aDVIDcompensation function
for AXG VR. A virtual charge current signal can be
established by the SETA1 and SETA2 pins to cancel the
real induced charge current signal.
Table 10 show the DVID_Threshold in SETA1 pin with
internal 80
μA current source and Table 11 describes
DVID_Width settings on SETA2 pin with external voltage
divider. For example, 39.67mV DVID_Threshold (SR =
11.25mV/
μs) / 119mVDVID_Threshold (SR = 33.75mV/μs)
and 36
μs DVID_Width are designed (OCPA sets as 110%
ICCMAXA, RSETAsets as 133% low frequency ramp / 200%
high frequency ramp). According to the Table 10 and Table
11, the DVID_Threshold set voltage should be between
0.4254V to 0.4473V and theDVID_Width set voltage should
be between 1.051V to 1.073V. Please note that a high
accuracy resistor is needed for this setting, <1% error
tolerance is recommended.
SETA1
R1 R2
V
= 80 Α
R1+R2
 
DVID_Threshold
OCP = %ICCMAX
Min
Typical
Max
Unit
DVID SR
= 11.25mV/
s
DVID SR
= 33.75mV/
s
0.000
10.948
21.896
mV
18.33mV
55mV
NA
25.024
35.973
46.921
mV
110%
50.049
60.997
71.945
mV
120%
75.073
86.022
96.970
mV
130%
100.098
111.046
121.994
mV
140%
125.122
136.070
147.019
mV
150%
150.147
161.095
172.043
mV
160%
175.171
186.119
197.067
mV
NA
200.196
211.144
222.092
mV
29mV
87mV
NA
225.220
236.168
247.116
mV
110%
250.244
261.193
272.141
mV
120%
275.269
286.217
297.165
mV
130%
300.293
311.241
322.190
mV
140%
325.318
336.266
347.214
mV
150%
350.342
361.290
372.239
mV
160%
375.367
386.315
397.263
mV
NA
400.391
411.339
422.287
mV
39.67mV
119mV
NA
425.415
436.364
447.312
mV
110%
450.440
461.388
472.336
mV
120%
475.464
486.413
497.361
mV
130%
500.489
511.437
522.385
mV
140%
525.513
536.461
547.410
mV
150%
550.538
561.486
572.434
mV
160%
575.562
586.510
597.458
mV
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com