Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 61 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 61 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 57Page - Richtek Technology Corporation RT3607CE Datasheet HTML 58Page - Richtek Technology Corporation RT3607CE Datasheet HTML 59Page - Richtek Technology Corporation RT3607CE Datasheet HTML 60Page - Richtek Technology Corporation RT3607CE Datasheet HTML 61Page - Richtek Technology Corporation RT3607CE Datasheet HTML 62Page - Richtek Technology Corporation RT3607CE Datasheet HTML 63Page - Richtek Technology Corporation RT3607CE Datasheet HTML 64Page - Richtek Technology Corporation RT3607CE Datasheet HTML 65Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 69 page
background image
61
RT3607CE
DS3607CE-01 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ramp Compensation
The G-NAVPTM topology is one type of ripple based control
that has fast transient response and can lower BOM cost.
However, ripple based control usually has poor noise
immunity. The RT3607CE provides the ramp compensation
in AXG VR to increase noise immunity and reduce jitter at
the switching node. Figure 31 shows the ramp
compensation.
Figure 31. Ramp Compensation
Noise Margin
VCOMPA
Noise Margin
IMONA-VREF
w/o ramp compensation
w/ ramp compensation
IMONA-VREF
VCOMPA
For the RT3607CE, the ramp compensation also needs
to be considered during mode transition from PS0/1 to
PS2. For achieving smooth mode transition into PS2, a
proper ramp compensation design is necessary. Since
the ramp compensation needs to be proportional to the
on-time, the RAMP is set as
S
F
133%
.
400k
Quick Response (QR) Mechanism
As presented in QR mechanism section of CORE VR,
the RT3607CE also supports QR function in AXG VR. The
output voltage signal behavior needs to be detected so
that QR mechanism can be trigged. The output voltage
signal is via a remote sense line to connect at the VSENA
pin that is shown in Figure 32. The QR mechanism needs
to set QR width and QR threshold. Both definitions are
shown in Figure 4. A proper QR mechanism set can meet
different applications. SETA2 can set QR threshold and
QR width by internal current source 80
μA with multi-
function pin setting mechanism.
Figure 32. Simplified QR Trigger Schematic
For example, QR threshold 20mV/10mV at PS0/PS1 and
2.2 x TON QR width are set. According to Table 12, the
set voltage should be between 0.4504V and 0.4723V.
Please note that a high accuracy resistor is needed for
this setting accuracy, <1% error tolerance is
recommended. In the Table 12, there are some “NA”
marks in QRWIDTH section. It means that user should
not use it to avoid the possibility of shift digital code due
to tolerance concern.
VSENA
QR Pulse
Generation
Circuit
CMP
+
-
QR_width
QR_TH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com