Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 46 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 46 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 42Page - Richtek Technology Corporation RT3607CE Datasheet HTML 43Page - Richtek Technology Corporation RT3607CE Datasheet HTML 44Page - Richtek Technology Corporation RT3607CE Datasheet HTML 45Page - Richtek Technology Corporation RT3607CE Datasheet HTML 46Page - Richtek Technology Corporation RT3607CE Datasheet HTML 47Page - Richtek Technology Corporation RT3607CE Datasheet HTML 48Page - Richtek Technology Corporation RT3607CE Datasheet HTML 49Page - Richtek Technology Corporation RT3607CE Datasheet HTML 50Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 69 page
background image
46
RT3607CE
www.richtek.com
DS3607CE-01 June 2016
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Current Monitor, IMON
The RT3607CE includes a current monitor (IMON) function
which can be used to detect over-current protection and
the maximum processor current ICCMAX, and also sets
a part of current gain in the load-line setting. It produces
an analog voltage proportional to output current between
the IMON and VREF pins.
The calculation for IMON-VREF voltage is shown as below:
IMON
REF
EQ
L1 L2 L3 L4
CS
DCR
V
V
=
R
(I +I +I +I )
R

where IL1+IL2+IL3+IL4 are output current and the definitions
of DCR, RCS and REQ can refer to Figure 12.
Over-Current Protection
The RT3607CE provides Over-Current Protection (OCP)
which is set by the SET1 pin. The OCP threshold setting
can refer to ICCMAX current in Table 5. For example, if
ICCMAX is set as 120A, users can set voltage by using
the external voltage divider on the SET1 pin as 0.754V
typically. If 156A OCP (130% x ICCMAX) threshold and
DVID_TH
(SR = 11.25mV/
μs) = 39.67mV / DVID_TH
(SR = 33.75mV/
μs) = 119mV will be set. According to
Table 6, the set voltage should be between 0.4755V and
0.4974V. When output current is higher than the OCP
threshold, OCP is latched with a 40
μs delay to prevent
false trigger. Besides, the OCP function is masked when
dynamic VID transient occurs, and soft-start period. And
the OCP function will re-active after 46
μs of DVID or soft-
start alert is asserted.
Output Over-Voltage Protection
An OVP condition is detected when the VSEN pin is
350mV more than VID as VID > 1V. If VID < 1V, the OVP
is detected when the VSEN pin is 350mV more than 1V.
When OVP is detected, the high-side gate voltage
UGATEx is pulled low and the low-side gate voltage
LGATEx is pulled high. OVP is latched with a 0.5
μs delay-
to prevent false trigger. Besides, the OVP function will be
masked during DVID and soft-start period. After 46
μs of
DVID or soft-start alert is asserted, the OVP function will
re-active.
Negative Voltage Protection
Since the OVP latch continuously turns on all low-side
MOSFETs of the VR, the VR will suffer negative output
voltage. When the VSEN detects a voltage below
−0.07V
after triggering OVP, the VR triggers NVP to turn off all
low-side MOSFETs of the VR while the high-side
MOSFETs remain off. After triggering NVP, if the output
voltage rises above 0V, the OVP latch restarts to turn on
all low-side MOSFETs. Therefore, the output voltage may
bounce between 0V and
−0.07V due to OVP latch and
NVP triggering. The NVP function will be active only after
OVP is triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com