Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 14Page - Richtek Technology Corporation RT3607CE Datasheet HTML 15Page - Richtek Technology Corporation RT3607CE Datasheet HTML 16Page - Richtek Technology Corporation RT3607CE Datasheet HTML 17Page - Richtek Technology Corporation RT3607CE Datasheet HTML 18Page - Richtek Technology Corporation RT3607CE Datasheet HTML 19Page - Richtek Technology Corporation RT3607CE Datasheet HTML 20Page - Richtek Technology Corporation RT3607CE Datasheet HTML 21Page - Richtek Technology Corporation RT3607CE Datasheet HTML 22Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
18
RT3607CE
www.richtek.com
DS3607CE-01 June 2016
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Time (50
μs/Div)
CORE VR OVP
VCORE
(500mV/Div)
UGATE1
(20V/Div)
PGOOD
(1V/Div)
LGATE1
(10V/Div)
VIN = 12V, VID = 0.9V
Time (100
μs/Div)
CORE VR OCP
VCORE
(200mV/Div)
UGATE1
(20V/Div)
PGOOD
(1V/Div)
ILOAD
(60A/Div)
Time (10
μs/Div)
CORE VR Dynamic VID Down
VDIO
(1V/Div)
VCLK
(1V/Div)
VIN = 12V, VID = 0.9V to 0.6V,
Slew Rate = Slow, S-line
VCORE
(200mV/Div)
ALERT
(1V/Div)
VDIO
VCORE
VCLK
ALERT
VDIO
Time (10
μs/Div)
CORE VR Dynamic VID Up
VDIO
(1V/Div)
VCLK
(1V/Div)
VIN = 12V, VID = 0.6V to 0.9V,
Slew Rate = Slow, S-line
VCORE
(200mV/Div)
ALERT
(1V/Div)
VCORE
VCLK
ALERT
Time (500
μs/Div)
CORE VR Power On from EN
VIN = 12V, No Load, VID = 0.8V, SET2 pin tied to 5V
VCORE
(300mV/Div)
UGATE1
(10V/Div)
PGOOD
(1V/Div)
EN
(1V/Div)
Time (50
μs/Div)
CORE VR Power Off from EN
VIN = 12V, No Load, VID = 0.8V, SET2 pin tied to 5V
VCORE
(300mV/Div)
UGATE1
(10V/Div)
PGOOD
(1V/Div)
EN
(1V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com