Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 64 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 64 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 60Page - Richtek Technology Corporation RT3607CE Datasheet HTML 61Page - Richtek Technology Corporation RT3607CE Datasheet HTML 62Page - Richtek Technology Corporation RT3607CE Datasheet HTML 63Page - Richtek Technology Corporation RT3607CE Datasheet HTML 64Page - Richtek Technology Corporation RT3607CE Datasheet HTML 65Page - Richtek Technology Corporation RT3607CE Datasheet HTML 66Page - Richtek Technology Corporation RT3607CE Datasheet HTML 67Page - Richtek Technology Corporation RT3607CE Datasheet HTML 68Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
64
RT3607CE
www.richtek.com
DS3607CE-01 June 2016
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 33 shows the whole current loop structure. The
current loop plays an important role in the RT3607CE that
can decide ACLL performance, DCLL accuracy and
ICCMAXA accuracy. For ACLL performance, the correct
compensator design is assumed, if RC network time
constant matches inductor time constant LAX/DCRX, an
expected load transient waveform can be designed. If RXCX
network time constant is larger than inductor time constant
LAX/DCRX, VAXG waveform has a sluggish droop during load
transient. If RXCX network is smaller than inductor time
constant LAX/DCRX, a worst VAXG waveform will sag to
create an undershooting to fail the specification.
Current Loop Design in Details
Figure 33. Current Loop Structure
VAXG
ISENA1P
ISENA1N
LA1
DCR1
R1
C1
+
-
680
ILA1
ISENA1N
ISENA2P
ISENA2N
LA2
DCR2
R2
C2
+
-
680
ILA2
ISENA2N
ISENA3P
ISENA3N
LA3
DCR3
R3
C3
+
-
680
ILA3
ISENA3N
IMONA
VREF
RNTC
REQA
-
1/3
+
0.6V
COMPA
-
+
Current Monitor, IMONA
The RT3607CE includes a current monitor (IMONA)
function which can be used to detect over-current protection
and the maximum processor current ICCMAXA, and also
sets a part of current gain in the load-line setting. It
produces an analog voltage proportional to output current
between the IMONA and VREF pins.
The calculation for IMONA
− VREF voltage is shown as
below :
IMONA
REF
EQA
LA1
LA2
LA3
CSA
DCR
VV
R
(I
I
I
)
R

Where ILA1+ ILA2+ ILA3 are output current and the definitions
of DCR, RCSA and REQA can refer to Figure 26.
Over-Current Protection
The RT3607CE provides Over-Current Protection (OCP)
which is set by the SETA1 pin in AXG VR. The OCP
threshold setting can refer to ICCMAXA current in Table
9. For example, if ICCMAXA is set as 120A, users can
set voltage by using the external voltage divider on the
SETA1 pin as 0.754V typically If 156A OCP (130% x
ICCMAX) threshold and DVID_TH (SR = 11.25mV/
μs) =
39.67mV / DVID_TH (SR = 33.75mV/
μs) = 119mV will be
set. According to Table 10, the set voltage should be
between 0.4755V and 0.4974V. When output current is
higher than the OCP threshold, OCP is latched with a
40
μs delay to prevent false trigger. Besides, the OCP
function is masked when dynamic VID transient occurs,
and soft-start period. And the OCP function will re-active
after 46
μs of DVID or soft-start alert is asserted.
Output Over-Voltage Protection
An OVP condition is detected when the VSENA pin is
150mV more than VID. as VID > 1V. If VID < 1V, the OVP
is detected when the VSEN pin is 350mV more than 1V.
When OVP is detected, the high-side gate voltage
UGATEAx is pulled low and the low-side gate voltage
LGATEAx is pulled high, OVP is latched with a 0.5
μs
delay to prevent false trigger. Besides, the OVP function
will be masked during DVID and soft-start period. After
46
μs of DVID or soft-start alert is asserted, the OVP
function will re-active.
Negative Voltage Protection
Since the OVP latch continuously turns on all low-side
MOSFETs of the VR, the VR will suffer negative output
voltage. When the VSENA detects a voltage below
−0.07V
after triggering OVP, the VR triggers NVP to turn off all
low-side MOSFETs of the VR while the high-side
MOSFETs remain off. After triggering NVP, if the output
voltage rises above 0V, the OVP latch restarts to turn on
all low-side MOSFETs. Therefore, the output voltage may
bounce between 0V and
−0.07V due to OVP latch and
NVP triggering. The NVP function will be active only after
OVP is triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com