Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT3607CE Datasheet HTML 1Page - Richtek Technology Corporation RT3607CE Datasheet HTML 2Page - Richtek Technology Corporation RT3607CE Datasheet HTML 3Page - Richtek Technology Corporation RT3607CE Datasheet HTML 4Page - Richtek Technology Corporation RT3607CE Datasheet HTML 5Page - Richtek Technology Corporation RT3607CE Datasheet HTML 6Page - Richtek Technology Corporation RT3607CE Datasheet HTML 7Page - Richtek Technology Corporation RT3607CE Datasheet HTML 8Page - Richtek Technology Corporation RT3607CE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
5
RT3607CE
DS3607CE-01 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation
The RT3607CE adopts G-NAVPTM (Green Native AVP)
which is Richtek's proprietary topology derived from finite
DC gain of EA amplifier with current mode control, making
it easy to set the droop to meet all Intel CPU requirements
of AVP (Adaptive Voltage Positioning).
The G-NAVPTM controller is one type of current mode
constant on-time control with DC offset cancellation. The
approach can not only improve DC offset problem for
increasing system accuracy but also provide fast transient
response. When current feedback signal reaches COMP
signal, the RT3607CE generates an on-time width to
achieve PWM modulation.
TON GEN/Driver Interface
Generate the PWM1 to PWM4 sequentially according to
the phase control signal from the Loop Control/Protection
Logic. Pulse width is determined by current balance result
and TONSET pin setting. Once quick response mechanism
is triggered, VR will allow all PWM to turn on at the same
time. PWM status is also controlled by Protection Logic.
Different protections may cause different PWM status
(Both High-Z or LG turn-on).
SVID Interface/Configuration Registers/Control
Logic
The interface receives the SVIDsignal from CPU and sends
the relative signals to Loop Control/Protection Logic for
loop control to execute the action by CPU. The registers
save the pin setting data from ADC output. The Control
Logic controls the ADC timing, generates the digital code
of the VID for VSEN voltage.
Loop Control/Protection Logic
It controls the power on sequence, the protection behavior,
and the operational phase number.
MUX and ADC
The MUX supports the inputs from SET1, SET2, SET3,
SETA1, SETA2, IMONI_M, IMONI_A, TSEN or TSENA.
The ADC converts these analog signals to digital codes
for reporting or performance adjustment.
Current Balance
Each phase current sense signal is sent to the current
balance circuit which adjusts the on-time of each phase
to optimize current sharing.
Offset Cancellation
Cancel the current/voltage ripple issue to get the accurate
VSEN.
UVLO
Detect the DVD and VCC voltage and issue POR signal as
they are high enough.
DAC
Generate an analog signal according to the digital code
generated by Control Logic.
Soft-Start & Slew Rate Control
Control the Dynamic VID slew rate of DAC according to
the SetVID fast or SetVID slow.
Error Amp
Error amplifier generates COMP/COMPA signal by the
difference between VSEN/VSENA and FB/FBA.
RSET/RSETA
The Ramp generator is designed to improve noise immunity
and reduce jitter.
PWM CMP
The PWM comparator compares COMP signal and current
feedback signal to generate a signal for TON trigger.
IMON Filter
IMON Filter is used for average sum current signal by
analog RC filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com