Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 47 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 47 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 43Page - Richtek Technology Corporation RT3607CE Datasheet HTML 44Page - Richtek Technology Corporation RT3607CE Datasheet HTML 45Page - Richtek Technology Corporation RT3607CE Datasheet HTML 46Page - Richtek Technology Corporation RT3607CE Datasheet HTML 47Page - Richtek Technology Corporation RT3607CE Datasheet HTML 48Page - Richtek Technology Corporation RT3607CE Datasheet HTML 49Page - Richtek Technology Corporation RT3607CE Datasheet HTML 50Page - Richtek Technology Corporation RT3607CE Datasheet HTML 51Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 69 page
background image
47
RT3607CE
DS3607CE-01 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Current Loop Design in Details
Figure 23. Current Loop Structure
VCORE
ISEN1P
ISEN1N
L1
DCR1
R1
C1
+
-
680
IL1
ISEN1N
ISEN2P
ISEN2N
L2
DCR2
R2
C2
+
-
680
IL2
ISEN2N
ISEN3P
ISEN3N
L3
DCR3
R3
C3
+
-
680
IL3
ISEN3N
ISEN4P
ISEN4N
L4
DCR4
R4
C4
+
-
680
IL4
ISEN4N
IMON
VREF
RNTC
REQ
-
1/3
+
0.6V
COMP
-
+
Figure 23 shows the whole current loop structure. The current loop plays an important role in the RT3607CE that can
decide ACLL performance, DCLL accuracy and ICCMAX accuracy. For ACLL performance, the correct compensator
design is assumed, if RC network time constant matches inductor time constant LX/DCRX, an expected load transient
waveform can be designed. If RXCX network time constant is larger than inductor time constant LX/DCRX, VCORE waveform
has a sluggish droop during load transient. If RXCX network is smaller than inductor time constant LX/DCRX, a worst
VCORE waveform will sag to create an undershooting to fail the specification. Figure 24 shows the variety RXCX constant
corresponding to the output waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com