Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 53 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 53 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 49Page - Richtek Technology Corporation RT3607CE Datasheet HTML 50Page - Richtek Technology Corporation RT3607CE Datasheet HTML 51Page - Richtek Technology Corporation RT3607CE Datasheet HTML 52Page - Richtek Technology Corporation RT3607CE Datasheet HTML 53Page - Richtek Technology Corporation RT3607CE Datasheet HTML 54Page - Richtek Technology Corporation RT3607CE Datasheet HTML 55Page - Richtek Technology Corporation RT3607CE Datasheet HTML 56Page - Richtek Technology Corporation RT3607CE Datasheet HTML 57Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
53
RT3607CE
DS3607CE-01 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Table 9. SETA1 Pin Setting for ICCMAXA
SETA1
REF
REF
R2
V
=
V
R1+R2
(V
is 3.2V during Pin Setting)
ICCMAXA
Unit
Min
Typical
Max
Unit
0.000
3.128
6.256
mV
0
A
12.512
15.640
18.768
mV
2
A
25.024
28.152
31.281
mV
4
A
37.537
40.665
43.793
mV
6
A
50.049
53.177
56.305
mV
8
A
62.561
65.689
68.817
mV
10
A
75.073
78.201
81.329
mV
12
A
87.586
90.714
93.842
mV
14
A
100.098
103.226
106.354
mV
16
A
112.610
115.738
118.866
mV
18
A
125.122
128.250
131.378
mV
20
A
137.634
140.762
143.891
mV
22
A
150.147
153.275
156.403
mV
24
A
162.659
165.787
168.915
mV
26
A
175.171
178.299
181.427
mV
28
A
187.683
190.811
193.939
mV
30
A
200.196
203.324
206.452
mV
32
A
212.708
215.836
218.964
mV
34
A
225.220
228.348
231.476
mV
36
A
237.732
240.860
243.988
mV
38
A
250.244
253.372
256.500
mV
40
A
262.757
265.885
269.013
mV
42
A
275.269
278.397
281.525
mV
44
A
287.781
290.909
294.037
mV
46
A
300.293
303.421
306.549
mV
48
A
312.805
315.934
319.062
mV
50
A
325.318
328.446
331.574
mV
52
A
337.830
340.958
344.086
mV
54
A
350.342
353.470
356.598
mV
56
A
362.854
365.982
369.110
mV
58
A
375.367
378.495
381.623
mV
60
A
387.879
391.007
394.135
mV
62
A
400.391
403.519
406.647
mV
64
A
412.903
416.031
419.159
mV
66
A
425.415
428.543
431.672
mV
68
A
437.928
441.056
444.184
mV
70
A
450.440
453.568
456.696
mV
72
A
462.952
466.080
469.208
mV
74
A
475.464
478.592
481.720
mV
76
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com