Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 36 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 36 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 32Page - Richtek Technology Corporation RT3607CE Datasheet HTML 33Page - Richtek Technology Corporation RT3607CE Datasheet HTML 34Page - Richtek Technology Corporation RT3607CE Datasheet HTML 35Page - Richtek Technology Corporation RT3607CE Datasheet HTML 36Page - Richtek Technology Corporation RT3607CE Datasheet HTML 37Page - Richtek Technology Corporation RT3607CE Datasheet HTML 38Page - Richtek Technology Corporation RT3607CE Datasheet HTML 39Page - Richtek Technology Corporation RT3607CE Datasheet HTML 40Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 69 page
background image
36
RT3607CE
www.richtek.com
DS3607CE-01 June 2016
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
SET1
REF
REF
R2
V=
V
R1+R2
(V
is 3.2V during Pin Setting)
ICCMAX Unit
Min
Typical
Max
Unit
950.929 954.057 957.185
mV
152
A
963.441 966.569 969.697
mV
154
A
975.953 979.081 982.209
mV
156
A
988.465 991.593 994.721
mV
158
A
1000.978 1004.106 1007.234
mV
160
A
1013.490 1016.618 1019.746
mV
162
A
1026.002 1029.130 1032.258
mV
164
A
1038.514 1041.642 1044.770
mV
166
A
1051.026 1054.154 1057.283
mV
168
A
1063.539 1066.667 1069.795
mV
170
A
1076.051 1079.179 1082.307
mV
172
A
1088.563 1091.691 1094.819
mV
174
A
1101.075 1104.203 1107.331
mV
176
A
1113.587 1116.716 1119.844
mV
178
A
1126.100 1129.228 1132.356
mV
180
A
1138.612 1141.740 1144.868
mV
182
A
1151.124 1154.252 1157.380
mV
184
A
1163.636 1166.764 1169.892
mV
186
A
1176.149 1179.277 1182.405
mV
188
A
1188.661 1191.789 1194.917
mV
190
A
1201.173 1204.301 1207.429
mV
192
A
1213.685 1216.813 1219.941
mV
194
A
1226.197 1229.326 1232.454
mV
196
A
1238.710 1241.838 1244.966
mV
198
A
1251.222 1254.350 1257.478
mV
200
A
1263.734 1266.862 1269.990
mV
202
A
1276.246 1279.374 1282.502
mV
204
A
1288.759 1291.887 1295.015
mV
206
A
1301.271 1304.399 1307.527
mV
208
A
1313.783 1316.911 1320.039
mV
210
A
1326.295 1329.423 1332.551
mV
212
A
1338.807 1341.935 1345.064
mV
214
A
1351.320 1354.448 1357.576
mV
216
A
1363.832 1366.960 1370.088
mV
218
A
1376.344 1379.472 1382.600
mV
220
A
1388.856 1391.984 1395.112
mV
222
A
1401.369 1404.497 1407.625
mV
224
A
1413.881 1417.009 1420.137
mV
226
A
SET1
REF
REF
R2
V=
V
R1+R2
(V
is 3.2V during Pin Setting)
ICCMAX Unit
Min
Typical
Max
Unit
1426.393 1429.521 1432.649
mV
228
A
1438.905 1442.033 1445.161
mV
230
A
1451.417 1454.545 1457.674
mV
232
A
1463.930 1467.058 1470.186
mV
234
A
1476.442 1479.570 1482.698
mV
236
A
1488.954 1492.082 1495.210
mV
238
A
1501.466 1504.594 1507.722
mV
240
A
1513.978 1517.107 1520.235
mV
242
A
1526.491 1529.619 1532.747
mV
244
A
1539.003 1542.131 1545.259
mV
246
A
1551.515 1554.643 1557.771
mV
248
A
1564.027 1567.155 1570.283
mV
250
A
1576.540 1579.668 1582.796
mV
252
A
1589.052 1592.180 1595.308
mV
254
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com