Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 17 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 17 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 13Page - Richtek Technology Corporation RT3607CE Datasheet HTML 14Page - Richtek Technology Corporation RT3607CE Datasheet HTML 15Page - Richtek Technology Corporation RT3607CE Datasheet HTML 16Page - Richtek Technology Corporation RT3607CE Datasheet HTML 17Page - Richtek Technology Corporation RT3607CE Datasheet HTML 18Page - Richtek Technology Corporation RT3607CE Datasheet HTML 19Page - Richtek Technology Corporation RT3607CE Datasheet HTML 20Page - Richtek Technology Corporation RT3607CE Datasheet HTML 21Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 69 page
background image
17
RT3607CE
DS3607CE-01 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
RT3607CE
29 VCC
5V
45
DVD
IBIAS
31
EN
27
7
VCC
PWM
BOOT
UGATE
PHASE
LGATE
PGND
RT9624A
ISEN2N
ISEN2P 6
ISEN1P
ISEN1N
5
4
PWM2
PWM1 52
51
VCC
PWM
BOOT
UGATE
PHASE
LGATE
PGND
RT9624A
VCC
PWM
BOOT
UGATE
PHASE
LGATE
PGND
RT9624A
ISEN3N
ISEN3P
PWM3 53
2
3
EN
PS4
EN
PS4
EN
PS4
VIN
VCC
PWM
BOOT
UGATE
PHASE
LGATE
12V
PGND
RT9624A
PWM4
ISEN4P
ISEN4N
8
9
50
EN
PS4
12V
12V
12V
VIN
VIN
VIN
Optional
Optional
Optional
Optional
LOAD
VSS_SENSE
VCORE_OUT
VCC_SENSE
36
VCC
PWM
BOOT
UGATE
PHASE
LGATE
PGND
RT9624A
ISENA2N
ISENA2P
37
ISENA1P
ISENA1N
38
39
PWMA2
PWMA1 47
46
VCC
PWM
BOOT
UGATE
PHASE
LGATE
PGND
RT9624A
VCC
PWM
BOOT
UGATE
PHASE
LGATE
PGND
RT9624A
ISENA3N
ISENA3P
PWMA3 48
41
40
EN
PS4
EN
PS4
EN
PS4
12V
12V
12V
VIN
VIN
VIN
Optional
Optional
Optional
LOAD
VAXG_OUT
VSSAXG_SENSE
VCCAXG_SENSE
PS4 49
PS4
RGNDA
32
FBA
35
COMPA
34
VSENA
33
Optional
Optional
Optional
VSSAXG_SENSE
VCCAXG_SENSE
RGND
13
FB
10
COMP
11
VSEN
12
Optional
Optional
Optional
VSS_SENSE
VCC_SENSE
VCC_SENSE
TSEN
1
TSENA
42
RNTC, T
RNTC,TA
VIN
SETA2
19
18
17
15
SETA1
SET3
SET2
VREF
14 SET1
PGOOD
54
23
VCLK
VDIO
26
25
24
VCCIO
To CPU
TONSETA
43
55 TONSET
VIN
VIN
VREF
IMON
IMONA
20
22
21
RNTCA
VREF
VR_HOT
ALERT
GND
57 (Exposed Pad)
Enable
0.47
µF/
X7R/0603
0.47
µF/
X7R/0603
0.47
µF/
X7R/0603
0.47µF/
X7R/0603
0.47µF/
X7R/0603
0.47µF/
X7R/0603
0.47
µF/
X7R/0603
R1
510k
R2
140k
C1
0.1µF
R3
C2
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
2.2
R15
453k
C3
0.22µF
C4
0.22µF
R16
2.2
R17
432k
R18
100k
C5
0.47µF
R87
1
R19 12.1k
R20
3.9k
RNTC
R22
14k
R23 20.13k
R24
20k
R25
7.32k
R26
NC
R27
110
R28
55
R29
75
R30
10k
C6
470pF
C7
56pF
R31
10k
R32
29.4k
C9
C8
C11
C12 330pF
C13 33pF
R34 10k
R35 23.2k
C14
C15
C16
R36 93.1k
R37 8.87k
R38 93.1k
R39 8.87k
C17
1µF
R40
2.2
C18
0.1µF
R41
0
R43
1
R42
0
C19
3.3nF
R44
1k
L1
220nH/0.49m
C20
R45
R82 680
C21
1µF
R46
2.2
C22
0.1µF
R47
0
R48
0
R49
1
C23
3.3nF
R50
1k
C24
R51
R83 680
C25
1µF
R52
2.2
R53
0
C26
0.1µF
R54
0
R55
1
C27
3.3nF
R56
1k
L2
220nH/0.49m
L3
220nH/0.49m
C28
R57
R88
100
R89
100
C48
C44
470µF
x 4
C45
22µF
x 19
R84 680
C29
1µF
R58
2.2
R59
0
R60
0
C30
0.1µF
R61
1
C31
3.3nF
R62
1k
C32
Optional
R63
R85 680
L4
220nH/0.49m
C33
1µF
R64
2.2
C34
0.1µF
R65
0
R66
0
R67
1
C35
3.3nF
R68
820
C36
R69
R86 680
L5
220nH/0.6m
C37
1µF
R70
2.2
C38
0.1µF
R71
0
R72
0
R73
1
C39
3.3nF
L6
220nH/0.6m
R74
820
C40
R75
R33 680
Optional
C41
1µF
R76
2.2
C42
0.1µF
R77
0
R78
0
R79
1
C43
3.3nF
R80
820
L7
220nH/0.6m
R81
C10
C48
R90
100
C46
470µF
x 4
C47
22µF
x 14
R91
100
R21 680
VCCAXG_SENSE
52.3k
69.8k
174k
45.3k
46.4k
12k
7.87k
3.32k
18.2k
11.3k
2.2µF
100k/4485()
100k/4485()
150k/4500()
150k/4500()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com