Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 25 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 25 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 21Page - Richtek Technology Corporation RT3607CE Datasheet HTML 22Page - Richtek Technology Corporation RT3607CE Datasheet HTML 23Page - Richtek Technology Corporation RT3607CE Datasheet HTML 24Page - Richtek Technology Corporation RT3607CE Datasheet HTML 25Page - Richtek Technology Corporation RT3607CE Datasheet HTML 26Page - Richtek Technology Corporation RT3607CE Datasheet HTML 27Page - Richtek Technology Corporation RT3607CE Datasheet HTML 28Page - Richtek Technology Corporation RT3607CE Datasheet HTML 29Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 69 page
background image
25
RT3607CE
DS3607CE-01 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Table 2. Pin Setting Function Table
Function1
Function2
Set1 (CORE Rail)
ICCMAX
DVID threshold
Over Current Protection (OCP) threshold
Set2 (CORE Rail)
DVID width
Ramp Amplitude
Quick Response (QR) threshold
Quick Response (QR) width
Set3 (CORE / AXG Rail)
VR Address
Enable Zero Load-line
Enable Anti-overshoot Function
Anti-overshoot Behavior
Current Gain AI
Enable PSYS Function
Enable High Switching Frequency Ramp
DVID Slew Rate
Disable DVID compensation
Decrease GTU/SA Ramp Amplitude
(Only Active in max phase = 1 Application)
SetA1 (AXG Rail)
ICCMAXA
DVID threshold
Over Current Protection (OCP) threshold
SetA2 (AXG Rail)
DVID width
Ramp Amplitude
Quick Response (QR) threshold
Quick Response (QR) width
 
Table 3. SET3 Pin Setting for VR Address, Enable Zero Load-line, Enable Anti-overshoot Function,
Anti-overshoot Behavior, and Current Gain AI

SET3
REF
REF
R2
VV
R1 R2
(V
is 3.2V during Pin Setting)
VR Address Zero Load Line ANTI_OVS
AHTI_OVS
Behavior
AI
GAIN
Min
Typical
Max
Unit
0.000
10.948
21.896
mV
MAIN : 00
AXG : 01
MAIN : With LL
AXG : With LL
Disable
High-Low-Floating
1X
25.024
35.973
46.921
mV
2X
50.049
60.997
71.945
mV
High-Floating
1X
75.073
86.022
96.970
mV
2X
100.098 111.046 121.994
mV
Enable
High-Low-Floating
1X
125.122 136.070 147.019
mV
2X
150.147 161.095 172.043
mV
High-Floating
1X
175.171 186.119 197.067
mV
2X
200.196 211.144 222.092
mV
MAIN : With LL
AXG : W/O LL
Disable
High-Low-Floating
1X
225.220 236.168 247.116
mV
2X
250.244 261.193 272.141
mV
High-Floating
1X
275.269 286.217 297.165
mV
2X
300.293 311.241 322.190
mV
Enable
High-Low-Floating
1X
325.318 336.266 347.214
mV
2X
350.342 361.290 372.239
mV
High-Floating
1X
375.367 386.315 397.263
mV
2X
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com