Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 7Page - Richtek Technology Corporation RT3607CE Datasheet HTML 8Page - Richtek Technology Corporation RT3607CE Datasheet HTML 9Page - Richtek Technology Corporation RT3607CE Datasheet HTML 10Page - Richtek Technology Corporation RT3607CE Datasheet HTML 11Page - Richtek Technology Corporation RT3607CE Datasheet HTML 12Page - Richtek Technology Corporation RT3607CE Datasheet HTML 13Page - Richtek Technology Corporation RT3607CE Datasheet HTML 14Page - Richtek Technology Corporation RT3607CE Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
11
RT3607CE
DS3607CE-01 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
VID7
VID6
VID5
VID4
VID3
VID2
VID1
VID0
HEX
Voltage (V)
1
0
1
1
1
0
0
1
B9
1.17
1
0
1
1
1
0
1
0
BA
1.175
1
0
1
1
1
0
1
1
BB
1.18
1
0
1
1
1
1
0
0
BC
1.185
1
0
1
1
1
1
0
1
BD
1.19
1
0
1
1
1
1
1
0
BE
1.195
1
0
1
1
1
1
1
1
BF
1.2
1
1
0
0
0
0
0
0
C0
1.205
1
1
0
0
0
0
0
1
C1
1.21
1
1
0
0
0
0
1
0
C2
1.215
1
1
0
0
0
0
1
1
C3
1.22
1
1
0
0
0
1
0
0
C4
1.225
1
1
0
0
0
1
0
1
C5
1.23
1
1
0
0
0
1
1
0
C6
1.235
1
1
0
0
0
1
1
1
C7
1.24
1
1
0
0
1
0
0
0
C8
1.245
1
1
0
0
1
0
0
1
C9
1.25
1
1
0
0
1
0
1
0
CA
1.255
1
1
0
0
1
0
1
1
CB
1.26
1
1
0
0
1
1
0
0
CC
1.265
1
1
0
0
1
1
0
1
CD
1.27
1
1
0
0
1
1
1
0
CE
1.275
1
1
0
0
1
1
1
1
CF
1.28
1
1
0
1
0
0
0
0
D0
1.285
1
1
0
1
0
0
0
1
D1
1.29
1
1
0
1
0
0
1
0
D2
1.295
1
1
0
1
0
0
1
1
D3
1.3
1
1
0
1
0
1
0
0
D4
1.305
1
1
0
1
0
1
0
1
D5
1.31
1
1
0
1
0
1
1
0
D6
1.315
1
1
0
1
0
1
1
1
D7
1.32
1
1
0
1
1
0
0
0
D8
1.325
1
1
0
1
1
0
0
1
D9
1.33
1
1
0
1
1
0
1
0
DA
1.335
1
1
0
1
1
0
1
1
DB
1.34
1
1
0
1
1
1
0
0
DC
1.345
1
1
0
1
1
1
0
1
DD
1.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com