Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 54 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 54 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 50Page - Richtek Technology Corporation RT3607CE Datasheet HTML 51Page - Richtek Technology Corporation RT3607CE Datasheet HTML 52Page - Richtek Technology Corporation RT3607CE Datasheet HTML 53Page - Richtek Technology Corporation RT3607CE Datasheet HTML 54Page - Richtek Technology Corporation RT3607CE Datasheet HTML 55Page - Richtek Technology Corporation RT3607CE Datasheet HTML 56Page - Richtek Technology Corporation RT3607CE Datasheet HTML 57Page - Richtek Technology Corporation RT3607CE Datasheet HTML 58Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 69 page
background image
54
RT3607CE
www.richtek.com
DS3607CE-01 June 2016
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
SETA1
REF
REF
R2
V
=
V
R1+R2
(V
is 3.2V during Pin Setting)
ICCMAXA
Unit
Min
Typical
Max
Unit
487.977
491.105
494.233
mV
78
A
500.489
503.617
506.745
mV
80
A
513.001
516.129
519.257
mV
82
A
525.513
528.641
531.769
mV
84
A
538.025
541.153
544.282
mV
86
A
550.538
553.666
556.794
mV
88
A
563.050
566.178
569.306
mV
90
A
575.562
578.690
581.818
mV
92
A
588.074
591.202
594.330
mV
94
A
600.587
603.715
606.843
mV
96
A
613.099
616.227
619.355
mV
98
A
625.611
628.739
631.867
mV
100
A
638.123
641.251
644.379
mV
102
A
650.635
653.763
656.891
mV
104
A
663.148
666.276
669.404
mV
106
A
675.660
678.788
681.916
mV
108
A
688.172
691.300
694.428
mV
110
A
700.684
703.812
706.940
mV
112
A
713.196
716.325
719.453
mV
114
A
725.709
728.837
731.965
mV
116
A
738.221
741.349
744.477
mV
118
A
750.733
753.861
756.989
mV
120
A
763.245
766.373
769.501
mV
122
A
775.758
778.886
782.014
mV
124
A
788.270
791.398
794.526
mV
126
A
800.782
803.910
807.038
mV
128
A
813.294
816.422
819.550
mV
130
A
825.806
828.935
832.063
mV
132
A
838.319
841.447
844.575
mV
134
A
850.831
853.959
857.087
mV
136
A
863.343
866.471
869.599
mV
138
A
875.855
878.983
882.111
mV
140
A
888.368
891.496
894.624
mV
142
A
900.880
904.008
907.136
mV
144
A
913.392
916.520
919.648
mV
146
A
925.904
929.032
932.160
mV
148
A
938.416
941.544
944.673
mV
150
A
950.929
954.057
957.185
mV
152
A
963.441
966.569
969.697
mV
154
A
975.953
979.081
982.209
mV
156
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com