Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 27 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 27 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 23Page - Richtek Technology Corporation RT3607CE Datasheet HTML 24Page - Richtek Technology Corporation RT3607CE Datasheet HTML 25Page - Richtek Technology Corporation RT3607CE Datasheet HTML 26Page - Richtek Technology Corporation RT3607CE Datasheet HTML 27Page - Richtek Technology Corporation RT3607CE Datasheet HTML 28Page - Richtek Technology Corporation RT3607CE Datasheet HTML 29Page - Richtek Technology Corporation RT3607CE Datasheet HTML 30Page - Richtek Technology Corporation RT3607CE Datasheet HTML 31Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
27
RT3607CE
DS3607CE-01 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.

SET3
REF
REF
R2
VV
R1 R2
(V
is 3.2V during Pin Setting)
VR Address Zero Load Line ANTI_OVS
AHTI_OVS
Behavior
AI
GAIN
Min
Typical
Max
Unit
1201.173 1212.121 1223.069
mV
MAIN : 01
AXG : 03
MAIN : With LL
AXG : With LL
Disable
High-Low-Floating
1X
1226.197 1237.146 1248.094
mV
2X
1251.222 1262.170 1273.118
mV
High-Floating
1X
1276.246 1287.195 1298.143
mV
2X
1301.271 1312.219 1323.167
mV
Enable
High-Low-Floating
1X
1326.295 1337.243 1348.192
mV
2X
1351.320 1362.268 1373.216
mV
High-Floating
1X
1376.344 1387.292 1398.240
mV
2X
1401.369 1412.317 1423.265
mV
MAIN : With LL
AXG : W/O LL
Disable
High-Low-Floating
1X
1426.393 1437.341 1448.289
mV
2X
1451.417 1462.366 1473.314
mV
High-Floating
1X
1476.442 1487.390 1498.338
mV
2X
1501.466 1512.414 1523.363
mV
Enable
High-Low-Floating
1X
1526.491 1537.439 1548.387
mV
2X
1551.515 1562.463 1573.412
mV
High-Floating
1X
1576.540 1587.488 1598.436
mV
2X
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com