Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 59 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 59 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 55Page - Richtek Technology Corporation RT3607CE Datasheet HTML 56Page - Richtek Technology Corporation RT3607CE Datasheet HTML 57Page - Richtek Technology Corporation RT3607CE Datasheet HTML 58Page - Richtek Technology Corporation RT3607CE Datasheet HTML 59Page - Richtek Technology Corporation RT3607CE Datasheet HTML 60Page - Richtek Technology Corporation RT3607CE Datasheet HTML 61Page - Richtek Technology Corporation RT3607CE Datasheet HTML 62Page - Richtek Technology Corporation RT3607CE Datasheet HTML 63Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 69 page
background image
59
RT3607CE
DS3607CE-01 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Table 11. SETA2 Pin Setting for DVID_Width
SETA2
REF
REF
R2
V
=
V
R1 R2
(V
is 3.2V during Pin Setting)
DVID_Width
RSET
%410k RTON
Min
Typical
Max
Unit
Low FSW
Ramp
High FSW
Ramp
0.000
10.948
21.896
mV
6
s
100%
133%
25.024
35.973
46.921
mV
117%
167%
50.049
60.997
71.945
mV
133%
200%
75.073
86.022
96.970
mV
150%
233%
100.098
111.046
121.994
mV
167%
267%
125.122
136.070
147.019
mV
183%
300%
150.147
161.095
172.043
mV
200%
333%
175.171
186.119
197.067
mV
217%
367%
200.196
211.144
222.092
mV
12
s
100%
133%
225.220
236.168
247.116
mV
117%
167%
250.244
261.193
272.141
mV
133%
200%
275.269
286.217
297.165
mV
150%
233%
300.293
311.241
322.190
mV
167%
267%
325.318
336.266
347.214
mV
183%
300%
350.342
361.290
372.239
mV
200%
333%
375.367
386.315
397.263
mV
217%
367%
400.391
411.339
422.287
mV
18
s
100%
133%
425.415
436.364
447.312
mV
117%
167%
450.440
461.388
472.336
mV
133%
200%
475.464
486.413
497.361
mV
150%
233%
500.489
511.437
522.385
mV
167%
267%
525.513
536.461
547.410
mV
183%
300%
550.538
561.486
572.434
mV
200%
333%
575.562
586.510
597.458
mV
217%
367%
600.587
611.535
622.483
mV
24
s
100%
133%
625.611
636.559
647.507
mV
117%
167%
650.635
661.584
672.532
mV
133%
200%
675.660
686.608
697.556
mV
150%
233%
700.684
711.632
722.581
mV
167%
267%
725.709
736.657
747.605
mV
183%
300%
750.733
761.681
772.630
mV
200%
333%
775.758
786.706
797.654
mV
217%
367%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com