Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 30 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 30 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 26Page - Richtek Technology Corporation RT3607CE Datasheet HTML 27Page - Richtek Technology Corporation RT3607CE Datasheet HTML 28Page - Richtek Technology Corporation RT3607CE Datasheet HTML 29Page - Richtek Technology Corporation RT3607CE Datasheet HTML 30Page - Richtek Technology Corporation RT3607CE Datasheet HTML 31Page - Richtek Technology Corporation RT3607CE Datasheet HTML 32Page - Richtek Technology Corporation RT3607CE Datasheet HTML 33Page - Richtek Technology Corporation RT3607CE Datasheet HTML 34Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 69 page
background image
30
RT3607CE
www.richtek.com
DS3607CE-01 June 2016
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
VREF
R1
R2
80µA
Function 1
Register
Function 2
Register
ADC
Function 1
<5:0>
Function 2
<5:0>
R3
SETX
(SETAX)
VREF
R1
R2
80µA
Function 1
Register
Function 2
Register
ADC
Function 1
<5:0>
Function 2
<5:0>
R3
SETX
(SETAX)
Figure 5. Multi-Function Pin Setting Mechanism with a
R3 Resistor to Fine Tune the Set Voltage of Function2
VR Rail Addressing Setting
The VR address of RT3607CE can be flipped by setting
the voltage on SET3 with an external voltage divider as
shown in Figure 6. The voltage at VREF pin will be pulled
up to 3.2V after power ready (POR) and the voltage at
VREF pin will fix to 0.6V within 500
μs after power ready
(POR). Besides, when AXG rail address is set to 2, the
boot voltage of AXG rail is 1.05V.
Figure 6. VR Rail Addressing and Zero Load-Line Setting
for SET3
VREF
R1
R2
Function 1
Register
ADC
Function 1
<5:0>
SET3
Anti-Overshoot and Anti-Overshoot Behavior
The anti-overshoot function can be enabled or disabled by
setting the voltage on SET3 with an external voltage
divider. During the anti-overshoot function is triggered, the
high side and low side MOS will both turn off. Therefore,
the output voltage adds the forward voltage of the MOS
parasitic body diode will crosses on the inductor to speed
up the discharge speed and eases the overshoot
magnitude. However, if the MOS driver has tri-state delay
time, the performance of the anti-overshoot function will
be degenerated. To prevent this phenomenon, RT3607CE
provides two kinds of anti-overshoot low side MOS behavior.
With the driver has tri-state delay time, the behavior of
anti-overshoot can choose as high-low-floating, and with
the driver without tri-state delay time, the behavior of anti-
overshoot can choose as high-floating.
High Switching Frequency Ramp
The switching frequency of RT3607CE can support from
300kHz to 1.1MHz, however, with higher switching
frequency, the ramp is needed to increase simultaneously
to improve the system stability and smooth the mode
transient performance. As switching is higher than 550k
Hz, the high switching frequency ramp is suggested to
be enabled. The high switching frequency ramp can be
enabled or disabled by the internal current source 80
μA
and the parallel of the high low side resistor on SET3 pin.
Decrease GTU/SA Ramp Amplitude (Only Active in
max phase = 1 Application)
If RT3607CE apply in GTU or SA application and the
maximum phase number is 1. The ramp amplitude will
automatically increase to improve the stability. This
function can be disabled to improve the transient
performance by the internal current source 80
μA and the
parallel of the high low side resistor on SET3 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com