Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 51 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 51 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 47Page - Richtek Technology Corporation RT3607CE Datasheet HTML 48Page - Richtek Technology Corporation RT3607CE Datasheet HTML 49Page - Richtek Technology Corporation RT3607CE Datasheet HTML 50Page - Richtek Technology Corporation RT3607CE Datasheet HTML 51Page - Richtek Technology Corporation RT3607CE Datasheet HTML 52Page - Richtek Technology Corporation RT3607CE Datasheet HTML 53Page - Richtek Technology Corporation RT3607CE Datasheet HTML 54Page - Richtek Technology Corporation RT3607CE Datasheet HTML 55Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
51
RT3607CE
DS3607CE-01 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
When load increases, on-time keeps constant. The off-
time width will be reduced so that loading can load more
power from input terminal to regulate output voltage. Hence
the loading current usually increases in case the switching
frequency also increases. Higher switching frequency
operation can reduce power components' size and PCB
space, trading off the whole efficiency since switching
related switching related loss increases, vice versa.
Per Phase Current Sense
In the RT3607CE, the current signal is used for load-line
setting and Over-Current Protection (OCP). The inductor
current sense method adopts the lossless current sensing
for allowing high efficiency as illustrated in Figure 25. When
inductance and DCR time constant is equal to RAXCAX filter
network time constant, a voltage ILAx x DCR will drop on
CAX to generate inductor current signal. According to
Figure 25, the ISENAxN is as follows :
LAX
CSAx
I
DCR
ISENAxN
R
Where LAX / DCR = RAXCAX is held. The method can get
high efficiency performance, but DCR value will be drifted
by temperature, a NTC resistor should add in the resistor
network in the IMONA pin to achieve DCR thermal
compensation.
In RT3607CE design, the resistance of RCSAx is restricted
to 680
Ω; moreover, the error of RCSAx is recommended to
be 1% or smaller.
Figure 25. Lossless current sense method
Total Current Sense
As presented in total current sense section of CORE VR,
Figure 26 shows the total current sense method which
connects the resistor network between the IMONA and
VREF pins to set a part of current loop gain for load-line
(droop) setting and set accurate over current protection.
IMONA
REF
EQA
LA1
LA2
LA3
CSA
DCR
VV
R
(I
I
I
)
R

REQA includes a NTC resistor to compensate DCR thermal
drifting for high accuracy load-line (droop).
Figure 26. Total Current Sense Method
Load-Line (Droop) Setting
The G-NAVPTM topology can set load-line (droop) via the
current loop and the voltage loop, the load-line is a slope
between load current ICCA and output voltage VAXG as
shown Figure 27. Figure 28 shows the voltage control
and current loop. By using the both loops, the load-line
(droop) can be set easily. The load-line set equation is:

EQA
CSA
I
LLA
V
1 DCR
R
3R
A
Rm
RA2
A
RA1


VAXG
ISENA1P
ISENA1N
L
DCR
R
C
+
-
RCSA
ILA1
ISENA1N
ISENA2P
ISENA2N
L
DCR
R
C
+
-
RCSA
ILA2
ISEN2N
ISENA3P
ISENA3N
L
DCR
R
C
+
-
RCSA
ILA3
ISEN3N
VREF
IMONA
RNTC
REQA
ISENAxP
ISENAxN
LAX
DCR
RAX
CAX
VAXG
+
-
RCSAx
ILAx
ISENAxN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com