Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 24 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 24 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 20Page - Richtek Technology Corporation RT3607CE Datasheet HTML 21Page - Richtek Technology Corporation RT3607CE Datasheet HTML 22Page - Richtek Technology Corporation RT3607CE Datasheet HTML 23Page - Richtek Technology Corporation RT3607CE Datasheet HTML 24Page - Richtek Technology Corporation RT3607CE Datasheet HTML 25Page - Richtek Technology Corporation RT3607CE Datasheet HTML 26Page - Richtek Technology Corporation RT3607CE Datasheet HTML 27Page - Richtek Technology Corporation RT3607CE Datasheet HTML 28Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
24
RT3607CE
www.richtek.com
DS3607CE-01 June 2016
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Phase Interleaving Function
The RT3607CE is a multiphase controller, which has a
phase interleaving function, 90 degree phase shift for 4-
phase operation, 120 degree phase shift for 3-phase
operation and 180 degree phase shift for 2-phase operation
which can help reduce output voltage ripple and EMI
problem.
Multi-Function Pin Setting Mechanism
For reducing total pin number of package, SET [1:3] and
SETA[1:2] pins adopt the multi-function pin setting
mechanism in the RT3607CE. SET [1:3] and SETA[1:2]
are used to set CORE VR andAXGVR, respectively. Figure
4 illustrates this operating mechanism. The voltage at
VREF pin will be pulled up to 3.2V after power ready (POR).
First, external voltage divider is used to set the Function1,
and then internal current source 80
μA is used to set the
Function2. The setting voltage of Function1 and Function2
can be represented as
Function1
Function2
R2
V3.2V
R1 R2
R1 R2
V80 Α
R1 R2


All function setting will be done within 500
μs after power
ready (POR), and the voltage at VREF pin will fix to 0.6V
after all function setting over.
If VFunction1 and VFunction2 are determined, R1 and R2 can
be calculated as follows :
Function2
Function1
Function1
Function1
3.2V V
R1
80 Α V
R1 V
R2
3.2V V
In addition, Richtek provides a Microsoft Excel-based
spreadsheet to help design the SETx and SETAx resistor
network for RT3607CE.
VREF
R1
R2
SETX
80µA
Function 1
Register
Function 2
Register
ADC
Function 1
<5:0>
Function 2
<5:0>
(SETAX)
VREF
R1
R2
SETX
80µA
Function 1
Register
Function 2
Register
ADC
Function 1
<5:0>
Function 2
<5:0>
(SETAX)
Figure 4. Multi-Function Pin Setting Mechanism
Connecting a R3 resistor from SETx pin or SETAx pin to
the middle node of voltage divider can help to fine tune the
set voltage of Function 2, which does not affect the set
voltage of Function1. The Figure 5 shows the setting
method and the set voltage of Function 1 and Function2
can be represented as :
Function1
Function2
R2
V3.2V
R1 R2
R1 R2
V80 Α
R3
R1 R2





By the way, SET1 and SET2 are used to set CORE rail
setting and SETA1 and SETA2 are used to set AXG rail
setting. The setting of SET3 is suitable for both CORE
rail and AXG rail. Table 2 summarize the overall pin setting
function. Table 3 and Table 4 show the SET3 pin setting
function table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com