Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 33 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 33 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 29Page - Richtek Technology Corporation RT3607CE Datasheet HTML 30Page - Richtek Technology Corporation RT3607CE Datasheet HTML 31Page - Richtek Technology Corporation RT3607CE Datasheet HTML 32Page - Richtek Technology Corporation RT3607CE Datasheet HTML 33Page - Richtek Technology Corporation RT3607CE Datasheet HTML 34Page - Richtek Technology Corporation RT3607CE Datasheet HTML 35Page - Richtek Technology Corporation RT3607CE Datasheet HTML 36Page - Richtek Technology Corporation RT3607CE Datasheet HTML 37Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
33
RT3607CE
DS3607CE-01 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Per Phase Current Sense
In the RT3607CE, the current signal is used for load-line
setting and over-current protection (OCP). The inductor
current sense method adopts the lossless current sensing
for allowing high efficiency as illustrated in Figure 11. When
inductance and DCR time constant is equal to RXCX filter
network time constant, a voltage ILx x DCR will drop on CX
to generate inductor current signal. According to Figure
11, the ISENxN is as follows :
LX
CSx
I
DCR
ISENxN
R
Where LX / DCR = RXCX is held. The method can get high
efficiency performance, but DCR value will be drifted by
temperature, a NTC resistor should add in the resistor
network on the IMON pin to achieve DCR thermal
compensation.
In RT3607CE design, the resistance of RCSx is restricted
to 680
Ω; moreover, the error of RCSx is recommended to
be 1% or smaller.
Figure 11. Lossless Current Sense Method
ISENxP
ISENxN
LX
DCR
RX
CX
VCORE
+
-
RCSx
ILx
ISENxN
Total Current Sense
Total current sense method is a patented topology, unlike
conventional current sense method need a NTC resistor
in per phase current loop for thermal compensation. The
RT3607CE adopts the total current sense method requiring
only one NTC resistor for thermal compensation, and NTC
resistor cost can be saved by using this method. Figure
12 shows the total current sense method which connects
the resistor network between the IMON and VREF pins to
set a part of current loop gain for load-line (droop) setting
and set accurate over-current protection.
IMON
REF
EQ
L1 L2 L3 L4
CS
DCR
V
V
=
R
(I +I +I +I )
R

REQ includes a NTC resistor to compensate DCR thermal
drifting for high accuracy load-line (droop).
Figure 12. Total Current Sense Method
VCORE
ISEN1P
ISEN1N
L
DCR
R
C
+
-
RCS
IL1
ISEN1N
ISEN2P
ISEN2N
L
DCR
R
C
+
-
RCS
IL2
ISEN2N
ISEN3P
ISEN3N
L
DCR
R
C
+
-
RCS
IL3
ISEN3N
ISEN4P
ISEN4N
L
DCR
R
C
+
-
RCS
IL4
ISEN4N
VREF
IMON
RNTC
REQ
Load-Line (Droop) Setting
The G-NAVPTM topology can set load-line (droop) via the
current loop and the voltage loop, the load-line is a slope
between load current ICC and output voltage VCORE as
shown in Figure 13. Figure 14 shows the voltage control
and current loop. By using both loops, the load-line (droop)
can be set easily. The load-line set equation is :

EQ
CS
I
LL
V
1 DCR
R
3R
A
RmΩ
R2
A
R1





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com