Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 10Page - Richtek Technology Corporation RT3607CE Datasheet HTML 11Page - Richtek Technology Corporation RT3607CE Datasheet HTML 12Page - Richtek Technology Corporation RT3607CE Datasheet HTML 13Page - Richtek Technology Corporation RT3607CE Datasheet HTML 14Page - Richtek Technology Corporation RT3607CE Datasheet HTML 15Page - Richtek Technology Corporation RT3607CE Datasheet HTML 16Page - Richtek Technology Corporation RT3607CE Datasheet HTML 17Page - Richtek Technology Corporation RT3607CE Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
14
RT3607CE
www.richtek.com
DS3607CE-01 June 2016
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gain-Bandwidth Product
GBW
CLOAD = 5pF
--
5
--
MHz
Output Voltage Range
VCOMP
RL = 47k
0.5
--
3.6
V
Max Source/Sink Current
IOUTEA
VCOMP = 2V
--
5
--
mA
Load Line Current Gain Amplifier
Input Offset Voltage
VILOFS
VIMON = 1V
5
--
5
mV
Current Gain
AILGAIN
VIMON VVREF = 1V
VFB = VCOMP = 1V
--
1/3
--
A/A
Current Sensing Amplifier
Input Offset Voltage
VOSCS
0.5
--
0.5
mV
Impedance at Positive Input RISENxP
1
--
--
M
Current Mirror Gain
AMIRROR IIMON/ISENxN
0.97
1
1.03
A/A
TON Setting
TON Pin Voltage
VTON
IRTON = 27A, VDAC = 1V
0.9
1
1.1
V
On-Time Setting
TON
IRTON = 27A, VDAC = 1V
189
210
231
ns
Input Current Range
IRTON
VDAC = 1V
6
--
70
A
Minimum Off time
TOFF
VDAC = 1V
--
150
--
ns
IBIAS
IBIAS Pin Voltage
VIBIAS
RIBIAS = 100k
1.9
2
2.1
V
Protections
Under-Voltage Lockout
Threshold
VUVLO
Falling edge
3.95
4.05
4.15
V
VUVLO
Rising edge hysteresis
--
190
--
mV
Over-Voltage Protection
Threshold
VOV
Respect to VID voltage
VID +
300
VID +
350
VID +
400
mV
Lower limit to 1V
1300
1350
1400
mV
Negative Voltage Protection
Threshold
VNV
100
70
--
mV
EN and VR_REDAY
EN Input Voltage
VIH
Respect to 1V, 70%
0.7
--
--
V
VIL
Respect to 1V, 30%
--
--
0.3
Leakage Current of EN
1
--
1
A
PGOOD Pull Low Voltage
VPGOOD
IVR_Ready = 10mA
--
--
0.13
V
DVD (Note 5)
DVD Input High Voltage
VIH
V(DVD)=2V or above, VR judge
VIN high
2
--
--
V
DVD Input Low Voltage
VIL
V(DVD)=1.3V or below, VR judge
VIN low
--
--
1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com