Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 63 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 63 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 59Page - Richtek Technology Corporation RT3607CE Datasheet HTML 60Page - Richtek Technology Corporation RT3607CE Datasheet HTML 61Page - Richtek Technology Corporation RT3607CE Datasheet HTML 62Page - Richtek Technology Corporation RT3607CE Datasheet HTML 63Page - Richtek Technology Corporation RT3607CE Datasheet HTML 64Page - Richtek Technology Corporation RT3607CE Datasheet HTML 65Page - Richtek Technology Corporation RT3607CE Datasheet HTML 66Page - Richtek Technology Corporation RT3607CE Datasheet HTML 67Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 69 page
background image
63
RT3607CE
DS3607CE-01 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
SETA2
R1 R2
V
= 80 Α
R1+R2
 
QR Threshold
QR Width (%TON)
Min
Typical
Max
Unit
PS0
PS1
800.782
811.730
822.678
mV
25mV
10mV
NA
825.806
836.755
847.703
mV
Disable
850.831
861.779
872.727
mV
222%
875.855
886.804
897.752
mV
177.6%
900.880
911.828
922.776
mV
133.2%
925.904
936.852
947.801
mV
88%
950.929
961.877
972.825
mV
44%
975.953
986.901
997.849
mV
NA
1000.978
1011.926
1022.874
mV
25mV
15mV
NA
1026.002
1036.950
1047.898
mV
Disable
1051.026
1061.975
1072.923
mV
222%
1076.051
1086.999
1097.947
mV
177.6%
1101.075
1112.023
1122.972
mV
133.2%
1126.100
1137.048
1147.996
mV
88%
1151.124
1162.072
1173.021
mV
44%
1176.149
1187.097
1198.045
mV
NA
1201.173
1212.121
1223.069
mV
30mV
10mV
NA
1226.197
1237.146
1248.094
mV
Disable
1251.222
1262.170
1273.118
mV
222%
1276.246
1287.195
1298.143
mV
177.6%
1301.271
1312.219
1323.167
mV
133.2%
1326.295
1337.243
1348.192
mV
88%
1351.320
1362.268
1373.216
mV
44%
1376.344
1387.292
1398.240
mV
NA
1401.369
1412.317
1423.265
mV
30mV
15mV
NA
1426.393
1437.341
1448.289
mV
Disable
1451.417
1462.366
1473.314
mV
222%
1476.442
1487.390
1498.338
mV
177.6%
1501.466
1512.414
1523.363
mV
133.2%
1526.491
1537.439
1548.387
mV
88%
1551.515
1562.463
1573.412
mV
44%
1576.540
1587.488
1598.436
mV
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com