Electronic Components Datasheet Search
  English  ▼

X  

RT3607CE Datasheet(PDF) 65 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 65 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 61Page - Richtek Technology Corporation RT3607CE Datasheet HTML 62Page - Richtek Technology Corporation RT3607CE Datasheet HTML 63Page - Richtek Technology Corporation RT3607CE Datasheet HTML 64Page - Richtek Technology Corporation RT3607CE Datasheet HTML 65Page - Richtek Technology Corporation RT3607CE Datasheet HTML 66Page - Richtek Technology Corporation RT3607CE Datasheet HTML 67Page - Richtek Technology Corporation RT3607CE Datasheet HTML 68Page - Richtek Technology Corporation RT3607CE Datasheet HTML 69Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 65 / 69 page
background image
65
RT3607CE
DS3607CE-01 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
VAXG Specification
Input Voltage
12V
No. of Phases
3
ICCMAX
90A
ICC-DY
50A
ICC-TDC
60A
Load Line
1.7m
Fast Slew Rate
10mV/
s
Max Switching
Frequency
400kHz
In IMVP8 VRTB Guideline, the output filter requirements
of VRTB specification for desktop platform are :
Output Inductor : 220nH/0.6m
Ω
Output Bulk Capacitor : 470
μF/2.5V/7mΩ (max) 4 to 5pcs
Output Ceramic Capacitor : 22
μF/0805 (8pcs max in-
cavity)
Output Ceramic Capacitor: 10
μF/0805 (6pcs max
periphery)
(1) Initial Settings :
RT3607CE initial voltage is 0.9V
(2) Loop Design :
On time setting : Using the specification, TONA is
For DCLL performance and ICCMAXA accuracy, since the
copper wire of inductor has a positive temperature
coefficient, when temperature goes high in the heavy load
condition, DCR value goes large simultaneously. A resistor
network with NTC thermistor compensation connecting
between the IMONA to REF pins is necessary, to
compensate the positive temperature coefficient of inductor
DCR. The design flow is as presented in current loop
design in details of CORE VR.
Design Step
The RT3607CE Excel based design tool is available. Users
can contact your Richtek representative to get the
spreadsheet. Three main design procedures for RT3607CE
design, first step is initial settings, second step is loop
design and the last step is protection settings. The
following design example is to explain the RT3607CE
design procedure :
TONA
ONA
DAC
IN
DAC
R4.73p 1.2
T(V
1.2) 184n
VV


The on time setting resistor RTONA = 359k
Ω
Current sensor adopts lossless RC filter to sense
current signal in DCR. For getting an expect load
transient waveform, RxCx time constant needs to
match Lx/DCRx per phase. CX = 0.47
μF is set, then
X
X
X
L
R
820
0.47 F DCR


IMONA resistor network design: TL = 25
°C, TR= 50°C
and TH = 100
°C are decided, NTC thermistor =
100k
Ω@25°C, β=4485 and ICCMAXA = 90A.
According to the sub-section “Current Loop Design in
Details”, RIMONA1 = 4.628k
Ω, RIMONA2 = 18.492kΩ and
RIMONA3 = 21.886k
Ω can be decided. The REQA(25°C)
= 20.69k
Ω.
Load-line design : 1.7m
Ω droop is requirement,
because R
EQA (25°C) has decided, the voltage loop Av
gain is also can be decided by following equation :

EQA
CSA
I
LLA
V
1 DCR
R
3R
A
Rm
R2
A
R1


Where DCR(25
°C) = 0.6mΩ, RCS = 680Ω and
REQ(25
°C) = 20.69kΩ. Hence, the AV = R2 / R1 = 3.58
can be obtained. R1 = 10k
Ω is usually decided, so R2
= 35.8k
Ω.
Typical compensator design can use the following
equations to design the C1 and C2 values
SWA
OUT
1
CA1
80pF
RA1
f
CESR
CA2
69pF
RA2



For Intel platform, in order to induce the band width to
enhance transient performance to meet Intel's criterion,
the compensator of Zero can be designed close to 1/
10 of switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com