| Electronic Components Datasheet Search |
|
XRT4500CV Datasheet(PDF) 17 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT4500CV Datasheet(HTML) 17 Page - Exar Corporation |
|
17 / 99 page ![]() XRT4500 áç áç áç áç MULTIPROTOCOL SERIAL NETWORK INTERFACE IC REV. 1.0.7 14 PIN DESCRIPTIONS (CONT.) NOTE: Signal names beginning with D_ are digital signals. NOTE: Signal names ending with B and A are the positive and negative polarities of differential signals respectively. PIN # Signal DTE MODE DCE MODE TYPE FUNCTION 35 RX5B DSRB DTRB I Receiver 5 – Positive Data Differential Input from Line The XRT4500 will accept either a V.10, V.11 or V.28 type signal via this input pin, along with RX5A (Pin 36) and will generate a result- ing CMOS level binary data stream, via the RX5D (Pin 33) output pin. The exact function of this input pin depends upon whether the XRT4500 device is operating in the DTE or DCE mode. DTE Mode – Positive polarity portion of the DSR line signal. DCE Mode – Positive polarity portion of the DTR line signal. Note: This output pin is not used if the XRT4500 has been con- figured to operate in either the V.28/EIA-232 or V.10 Modes. 36 RX5A DSRA DTRA I Receiver 5 – Negative Data Differential Input from Line The XRT4500 will accept either a V.10, V.11 or V.28 type signal via this input pin, along with RX5B (pin 35) and will generate a resulting CMOS level binary data stream, via the RX5D (Pin 33) output pin. The exact function of this input pin depends upon whether the XRT4500 device is operating in the DTE or DCE mode. DTE Mode – Negative polarity portion of the DSR line signal. DCE Mode – Negative polarity portion of the DTR line signal. Note: If the XRT4500 has been configured to operate in either the V.28/EIA-232 or V.10 Modes, then all of the data will be out- put (to the line) in a single-rail manner via this output pin. 37 RX4A CTSA RTSA I Receiver 4 – Negative Data Differential Input from Line The XRT4500 will accept either a V.10, V.11 or V.28 type signal via this input pin, along with RX4B (pin 38) and will generate a resulting CMOS level binary data stream, via the RX4D output pin (Pin 40). The exact function of this input pin depends upon whether the XRT4500 device is operating in the DTE or DCE mode. Note: If the XRT4500 has been configured to operate in either the V.28/EIA-232 or V.10 Modes, then all of the data will be out- put (to the line) in a single-rail manner via this output pin. 38 RX4B CTSB RTSB I Receiver 4 – Positive Data Differential Input from Line The XRT4500 will accept either a V.10, V.11 or V.28 type signal via this input pin, along with RX4A (pin 37) and will generate a resulting CMOS level binary data stream, via the RX4D output pin (Pin 40). The exact function of this input pin depends upon whether the XRT4500 device is operating in the DTE or DCE mode. NOTE: This output pin is not used if the XRT4500 has been con- figured to operate in either the V.28/EIA-232 or V.10 Modes. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |